Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP2G80 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP2G80
Szczegółowy opis  LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G80 Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74AUP2G80 Datasheet HTML 1Page - Texas Instruments SN74AUP2G80 Datasheet HTML 2Page - Texas Instruments SN74AUP2G80 Datasheet HTML 3Page - Texas Instruments SN74AUP2G80 Datasheet HTML 4Page - Texas Instruments SN74AUP2G80 Datasheet HTML 5Page - Texas Instruments SN74AUP2G80 Datasheet HTML 6Page - Texas Instruments SN74AUP2G80 Datasheet HTML 7Page - Texas Instruments SN74AUP2G80 Datasheet HTML 8Page - Texas Instruments SN74AUP2G80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN74AUP2G80
SCES756 – DECEMBER 2009
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VCC = 0.8 V
VCC
VCC = 1.1 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
V
VCC = 2.3 V to 2.7 V
1.6
VCC = 3 V to 3.6 V
2
VCC = 0.8 V
0
VCC = 1.1 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.9
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
μA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
μA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G80


Podobny numer części - SN74AUP2G80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP2G00 TI1-SN74AUP2G00 Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00-Q1 TI1-SN74AUP2G00-Q1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DCUR TI1-SN74AUP2G00DCUR Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DQER TI1-SN74AUP2G00DQER Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00QDCURQ1 TI1-SN74AUP2G00QDCURQ1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
More results

Podobny opis - SN74AUP2G80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP2G79 TI-SN74AUP2G79 Datasheet
291Kb / 14P
[Old version datasheet]   LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com