Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUP2G80YFPR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUP2G80YFPR
Szczegółowy opis  LOW-POWER DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP2G80YFPR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74AUP2G80YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP2G80YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP2G80YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G80YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G80YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G80YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G80YFPR Datasheet HTML 9Page - Texas Instruments SN74AUP2G80YFPR Datasheet HTML 10Page - Texas Instruments SN74AUP2G80YFPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN74AUP2G80
www.ti.com
SCES756 – DECEMBER 2009
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
91
90
1.2 V ± 0.1 V
175
220
1.5 V ± 0.1 V
237
230
fmax
MHz
1.8 V ± 0.15 V
269
240
2.5 V ± 0.2 V
280
250
3.3 V ± 0.3 V
280
260
0.8 V
17.2
1.2 V ± 0.1 V
3.2
7.1
14.9
2.7
16.3
1.5 V ± 0.1 V
1.9
5
9.8
2.1
10.3
tpd
CLK
Q
ns
1.8 V ± 0.15 V
1.7
3.9
7.6
1.6
8.1
2.5 V ± 0.2 V
1.4
2.8
5.3
1.2
5.6
3.3 V ± 0.3 V
1.2
2.2
4.1
1
4.4
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
68
70
1.2 V ± 0.1 V
128
170
1.5 V ± 0.1 V
189
220
fmax
MHz
1.8 V ± 0.15 V
234
240
2.5 V ± 0.2 V
273
250
3.3 V ± 0.3 V
280
260
0.8 V
19.4
1.2 V ± 0.1 V
4.4
8.2
16.2
3.4
17.7
1.5 V ± 0.1 V
3.6
5.8
10.7
2.6
11.3
tpd
CLK
Q
ns
1.8 V ± 0.15 V
2.9
4.6
8.4
2.1
3
2.5 V ± 0.2 V
2.2
3.3
5.9
1.7
6.3
3.3 V ± 0.3 V
1.9
2.7
4.7
1.4
4.9
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AUP2G80


Podobny numer części - SN74AUP2G80YFPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP2G00 TI1-SN74AUP2G00 Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00-Q1 TI1-SN74AUP2G00-Q1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DCUR TI1-SN74AUP2G00DCUR Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00DQER TI1-SN74AUP2G00DQER Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00QDCURQ1 TI1-SN74AUP2G00QDCURQ1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
More results

Podobny opis - SN74AUP2G80YFPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUP2G79 TI-SN74AUP2G79 Datasheet
291Kb / 14P
[Old version datasheet]   LOW-POWER DUAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com