Zakładka z wyszukiwarką danych komponentów |
|
LA139B-GX-PF Arkusz danych(PDF) 6 Page - LIGITEK electronics co., ltd. |
|
LA139B-GX-PF Arkusz danych(HTML) 6 Page - LIGITEK electronics co., ltd. |
6 / 6 page The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. The purpose of this test is the resistance of the device under tropical for hours. This test intended to see soldering well performed or not. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. Solder Resistance Test 1.T.Sol=260 ℃±5℃ 2.Dwell time= 10 ±1sec. 1.T.Sol=230 ℃±5℃ 2.Dwell time=5 ±1sec Solderability Test 1.Ta=105 ℃±5℃&-40℃±5℃ (10min) (10min) 2.total 10 cycles Thermal Shock Test 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs High Temperature High Humidity Test MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 MIL-STD-202:103B JIS C 7021: B-11 The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. Description LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) High Temperature Storage Test 1.Ta=105 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) Low Temperature Storage Test Operating Life Test Reliability Test: Test Item Test Condition Page 5/5 MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 MIL-STD-883:1008 JIS C 7021: B-10 JIS C 7021: B-12 Reference Standard PART NO. LA139B/GX-PF |
Podobny numer części - LA139B-GX-PF |
|
Podobny opis - LA139B-GX-PF |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |