Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD5004BRM Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części MMBD5004BRM
Szczegółowy opis  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD5004BRM Arkusz danych(HTML) 2 Page - Diodes Incorporated

  MMBD5004BRM Datasheet HTML 1Page - Diodes Incorporated MMBD5004BRM Datasheet HTML 2Page - Diodes Incorporated MMBD5004BRM Datasheet HTML 3Page - Diodes Incorporated MMBD5004BRM Datasheet HTML 4Page - Diodes Incorporated MMBD5004BRM Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBD5004BRM
Document number: DS30714 Rev. 4 - 2
2 of 5
www.diodes.com
December 2009
© Diodes Incorporated
MMBD5004BRM
400
T , AMBIENT TEMPERATURE, (°C)
Fig. 1 Power Derating Curve, Total Package
A
200
100
300
0
500
0
200
40
80
120
160
Note 1
0.1
1
10
100
1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, Per Element
F
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
0.001
0.01
0.1
1
10
100
1,000
0
50
100
150
200
250
300
350
400
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
T = 25 C
A
°
T = -55 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
04
8
12
16
20
Fig.
Total Capacitance vs. Reverse Voltage, Per Element
V , DC REVERSE VOLTAGE (V)
4
R
f = 1.0MHz
Ordering Information (Note 5)
Part Number
Case
Packaging
MMBD5004BRM-7
SOT-26
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2009
2010
2011
2012
2013
2014
2015
Code
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
KJB = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
KJB


Podobny numer części - MMBD5004BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
MMBD5004BRM DIODES-MMBD5004BRM Datasheet
361Kb / 6P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
MMBD5004BRM-7 DIODES-MMBD5004BRM-7 Datasheet
361Kb / 6P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM_15 Datasheet
109Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM_16 Datasheet
361Kb / 6P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
More results

Podobny opis - MMBD5004BRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM Datasheet
113Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM_15 Datasheet
109Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_16 Datasheet
321Kb / 5P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD3004BRM PANJIT-MMBD3004BRM Datasheet
137Kb / 3P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM_15 Datasheet
198Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD3004BRM DIODES-MMBD3004BRM_08 Datasheet
126Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 8 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_08 Datasheet
154Kb / 3P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD3004BRM DIODES-MMBD3004BRM Datasheet
90Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 5 - 2
MMBD3004BRM DIODES-MMBD3004BRM_15 Datasheet
126Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM_16 Datasheet
361Kb / 6P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com