Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD5004BRM-7 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części MMBD5004BRM-7
Szczegółowy opis  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD5004BRM-7 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  MMBD5004BRM-7 Datasheet HTML 1Page - Diodes Incorporated MMBD5004BRM-7 Datasheet HTML 2Page - Diodes Incorporated MMBD5004BRM-7 Datasheet HTML 3Page - Diodes Incorporated MMBD5004BRM-7 Datasheet HTML 4Page - Diodes Incorporated MMBD5004BRM-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBD5004BRM
Document number: DS30714 Rev. 4 - 2
1 of 5
www.diodes.com
December 2009
© Diodes Incorporated
MMBD5004BRM
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Features
Two Series Diode Circuits Connect to Form Full Wave Bridge
Fast Switching Speed
Low Capacitance
400V Reverse Breakdown Voltage Rating
Lead Free/RoHS Compliant Version (Note 3)
"Green" Device (Note 4)
Mechanical Data
Case: SOT-26
Case Material: Molded Plastic, "Green" Molding Compound,
Note 4. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.016 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
400
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
350
V
RMS Reverse Voltage
VR(RMS)
247
V
Forward Continuous Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0ms
@ t = 1.0s
IFSM
2.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
400
V
IR = 150μA
Forward Voltage
VF
0.87
1.0
1.25
V
IF = 20mA
IF = 100mA
IF = 200mA
Reverse Current (Note 2)
IR
100
100
5
nA
μA
μA
VR = 240V
VR = 240V, TJ = 150°C
VR = 360V
Total Capacitance
CT
0.7
2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
50
ns
IF = IR = 30mA,
Irr = 3.0mA, RL = 100Ω
Notes:
1. Part mounted on polyimide substrate PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
TOP VIEW
SOT-26
Internal Schematic
TOP VIEW
AC
1
C
1
C
2
AC
2
A
1
A
2
Please click here to visit our online spice models database.


Podobny numer części - MMBD5004BRM-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
MMBD5004BRM-7 DIODES-MMBD5004BRM-7 Datasheet
361Kb / 6P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
More results

Podobny opis - MMBD5004BRM-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM Datasheet
113Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM_15 Datasheet
109Kb / 5P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_16 Datasheet
321Kb / 5P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD3004BRM PANJIT-MMBD3004BRM Datasheet
137Kb / 3P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM_15 Datasheet
198Kb / 4P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
MMBD3004BRM DIODES-MMBD3004BRM_08 Datasheet
126Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 8 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_08 Datasheet
154Kb / 3P
   SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD3004BRM DIODES-MMBD3004BRM Datasheet
90Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 5 - 2
MMBD3004BRM DIODES-MMBD3004BRM_15 Datasheet
126Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
MMBD5004BRM DIODES-MMBD5004BRM_16 Datasheet
361Kb / 6P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com