Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS497004-CQZ Arkusz danych(PDF) 6 Page - Cirrus Logic

Numer części CS497004-CQZ
Szczegółowy opis  High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497004-CQZ Arkusz danych(HTML) 6 Page - Cirrus Logic

Back Button CS497004-CQZ Datasheet HTML 2Page - Cirrus Logic CS497004-CQZ Datasheet HTML 3Page - Cirrus Logic CS497004-CQZ Datasheet HTML 4Page - Cirrus Logic CS497004-CQZ Datasheet HTML 5Page - Cirrus Logic CS497004-CQZ Datasheet HTML 6Page - Cirrus Logic CS497004-CQZ Datasheet HTML 7Page - Cirrus Logic CS497004-CQZ Datasheet HTML 8Page - Cirrus Logic CS497004-CQZ Datasheet HTML 9Page - Cirrus Logic CS497004-CQZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
Copyright 2009 Cirrus Logic
DS752PP8
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
2.1 Migrating from the CS495xx(2) to the CS4970x4
The CS4970x4 was designed to provide an easy upgrade path from the CS495xx & CS4953x. Although 144-pin
versions of the two devices are virtually identical with respect to external system connection, there are some small
differences the hardware designer should be aware of:
• The PLL supply voltage on the CS4970x4 is 3.3V vs. 1.8V on the CS495xx.
• The PLL filter topology is simpler when using the CS4970x4 rather than the CS495xx.
• The CS4970x4 adds support for 6-channel DSD input.
• The CS4970x4 adds support for TDM mode on both audio input and output ports.
• The CS4970x4 does not support external SRAM operation.
• The CS4970x4 external SDRAM bus speed is fixed at 150 MHz vs. the 120 MHz max bus speed for the
CS495xx. Some firmware modules also support a 75 MHz CS4970x4 SDRAM bus speed. Please refer to
AN304 for details.
• The CS4970x4 CLKOUT pin can output XTALI or XTALI/2. The CS495xx can only output XTALI.
2.2 Licensing
Licenses are required for all of the third party audio decoding/processing algorithms listed below, including the
application notes. Please contact your local Cirrus Sales representative for more information.
3. Code Overlays
The suite of software available for the CS4970x4 family consists of operating systems (OS) and a library of
overlays. The overlays have been divided into three main groups called Decoders, Matrix-processors, and Post-
processors. All software components are defined in the following list:
• OS/Kernel - Encompasses all non-audio processing tasks, including loading data from external memory,
processing host messages, calling audio-processing subroutines, auto-detection, error concealment, etc.
• Decoders - Any Module that initially writes data into the audio I/O buffers, e.g. AC-3, DTS, PCM, etc. All
the decoding/processing algorithms listed require delivery of PCM or IEC61937-packed, compressed data via
I2S- or LJ-formatted digital audio to the CS4970x4 from A/D converters, SPDIF Rx, HDMI Rx, etc.
• Matrix-processors - Any module that processes audio I/O buffer PCM data in-place before the Post-
processors. Generally speaking, these modules alter the number of valid channels in the audio I/O buffer
through processes like Virtualization (n
2 channels) or Matrix Decoding (2 n channels). Examples are Dolby
ProLogic IIx and DTS Neo:6.
• Virtualizer-processor - Any module that encodes PCM data into fewer output channels than input channels
(n
2 channels) with the effect of providing “phantom” speakers to represent the physical audio channels that
were eliminated. Examples are Dolby Headphone® 2 and Dolby Virtual Speaker® 2. Generally speaking, these
modules reduce the number of valid channels in the audio I/O buffer.
• Post-processors - Any module that processes audio I/O buffer PCM data in-place after the Matrix-Processors.
Examples are Bass Management, Audio Manager, Tone Control, EQ, Delay, Customer-specific Effects, Dolby
Headphone/Virtual Speaker, etc.
The overlay structure reduces the time required to reconfigure the DSP when a processing change is requested. Each
overlay can be reloaded independently without disturbing the other overlays. For example, when a new decoder is
selected, the OS, matrix-, and post-processors do not need to be reloaded — only the new decoder (the same is true
for the other overlays).


Podobny numer części - CS497004-CQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS497004-CQZ CIRRUS-CS497004-CQZ Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS497004-CQZR CIRRUS-CS497004-CQZR Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
More results

Podobny opis - CS497004-CQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
   High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com