Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS47014-CVZR Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS47014-CVZR
Szczegółowy opis  High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47014-CVZR Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS47014-CVZR Datasheet HTML 3Page - Cirrus Logic CS47014-CVZR Datasheet HTML 4Page - Cirrus Logic CS47014-CVZR Datasheet HTML 5Page - Cirrus Logic CS47014-CVZR Datasheet HTML 6Page - Cirrus Logic CS47014-CVZR Datasheet HTML 7Page - Cirrus Logic CS47014-CVZR Datasheet HTML 8Page - Cirrus Logic CS47014-CVZR Datasheet HTML 9Page - Cirrus Logic CS47014-CVZR Datasheet HTML 10Page - Cirrus Logic CS47014-CVZR Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DS752PP8
Copyright 2009 Cirrus Logic
7
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
4. Hardware Functional Description
4.1 Coyote DSP Core
The CS4970x4 is a dual-core Coyote DSP with separate X and Y data and P code memory spaces. Each core is a
high-performance, 32-bit, user-programmable, fixed-point DSP that is capable of performing two multiply
accumulate (MAC) operations per clock cycle. Each core has eight 72-bit accumulators, four X- and four Y-data
registers, and 12 index registers.
Both DSP cores are coupled to a flexible DMA engine. The DMA engine can move data between peripherals such
as the digital audio input (DAI) and digital audio output (DAO), external memory, or any DSP core memory, all
without the intervention of the DSP. The DMA engine offloads data move instructions from the DSP core, leaving
more MIPS available for signal processing instructions.
CS4970x4 functionality is controlled by application codes that are stored in on-board ROM or downloaded to the
CS4970x4 from a host MCU or external FLASH/EEPROM. Users can choose to use standard audio decoder and
post-processor modules which are available from Cirrus Logic.
The CS4970x4 is suitable for Audio Decoder, Audio Post-processor, Audio Encoder, DVD Audio/Video Player, and
Digital Broadcast Decoder applications.
4.1.1 DSP Memory
Each DSP core has its own on-chip data and program RAM and ROM and does not require external memory for any
of today’s popular audio algorithms including Dolby Digital Surround EX, AAC Multichannel, DTS-ES 96/24, and
THX Ultra2. However, if the end-system design requires support of the new high-definition audio formats, external
SDRAM will be needed to support Dolby TrueHD and DTS-HD Master Audio.
The memory maps for the DSPs are as follows. All memory sizes are composed of 32-bit words.
4.1.2 DMA Controller
The powerful 12-channel DMA controller can move data between 8 on-chip resources. Each resource has its own
arbiter: X, Y, and P RAM/ROMs on DSP A; X, Y, and P RAM/ROMs on DSP B; external memory; and the
peripheral bus. Modulo and linear addressing modes are supported, with flexible start address and increment
controls. The service interval for each DMA channel as well as up to 6 interrupt events, is programmable.
4.2 On-chip DSP Peripherals
4.2.1 Digital Audio Input Port (DAI)
The 12-channel (6 line) DAI port supports a wide variety of data input formats. The port is capable of accepting
PCM, IEC61937, or DSD. Up to 32-bit word lengths are supported. Up to 6 channels of DSD are supported and
internally converted to PCM before processing. Additionally support is provided for audio data input to the DSP via
the DAI from an HDMI receiver.
Table 3. CS4970x4 DSP Memory Sizes
Memory
Type
DSP A
DSP B
X
16k SRAM, 32k ROM
10k SRAM, 8k ROM
Y
24k SRAM, 32k ROM
16k SRAM, 16k ROM
P
8k SRAM, 32k ROM
8k SRAM, 24k ROM


Podobny numer części - CS47014-CVZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS47024 CIRRUS-CS47024 Datasheet
1Mb / 32P
   CS470xx Data Sheet
CS47024C-CQZ CIRRUS-CS47024C-CQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
CS47024C-DQZ CIRRUS-CS47024C-DQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
CS47028 CIRRUS-CS47028 Datasheet
1Mb / 32P
   CS470xx Data Sheet
CS47028C-CQZ CIRRUS-CS47028C-CQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
More results

Podobny opis - CS47014-CVZR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
   High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
   32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com