Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5542A Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD5542A
Szczegółowy opis  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5542A Arkusz danych(HTML) 3 Page - Analog Devices

  AD5542A Datasheet HTML 1Page - Analog Devices AD5542A Datasheet HTML 2Page - Analog Devices AD5542A Datasheet HTML 3Page - Analog Devices AD5542A Datasheet HTML 4Page - Analog Devices AD5542A Datasheet HTML 5Page - Analog Devices AD5542A Datasheet HTML 6Page - Analog Devices AD5542A Datasheet HTML 7Page - Analog Devices AD5542A Datasheet HTML 8Page - Analog Devices AD5542A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Technical Data
AD5541A/AD5542A/AD5512AA
Rev. P
rA | Page 3 of 24
TABLE OF CONTENTS
Features...............................................................................................1
 
Applications .......................................................................................1
 
General Description..........................................................................1
 
Functional Block Diagrams .............................................................1
 
Revision History................................................................................3
 
Specifications .....................................................................................4
 
Timing Characteristics .................................................................5
 
Absolute Maximum Ratings ............................................................6
 
ESD Caution ..................................................................................6
 
Pin Configurations and Function Descriptions............................7
 
Typical Performance Characteristics ..............................................9
 
Terminology.....................................................................................12
 
Theory of Operation .......................................................................13
 
Digital-to-Analog Section..........................................................13
 
Serial Interface.............................................................................13
 
Unipolar Output Operation.......................................................13
 
Bipolar Output Operation .........................................................14
 
Output Amplifier Selection .......................................................14
 
Force Sense Amplifier Selection ...............................................14
 
Reference and Ground ...............................................................14
 
Power-On Reset...........................................................................15
 
Power Supply and Reference Bypassing...................................15
 
Microprocessor Interfacing ...........................................................16
 
AD5541/AD5542 to ADSP-2101/ADSP-2103 Interface........16
 
AD5541/AD5542 to 68HC11/68L11 Interface .......................16
 
AD5541/AD5542 to MICROWIRE Interface .........................16
 
AD5541/AD5542 to 80C51/80L51 Interface...........................16
 
Applications Information...............................................................17
 
Optocoupler Interface ................................................................17
 
Decoding Multiple AD5541/AD5542s.....................................17
 
Outline Dimensions........................................................................18
 
Ordering Guide ...........................................................................21
 
REVISION HISTORY


Podobny numer części - AD5542A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5542A AD-AD5542A Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5542A AD-AD5542A Datasheet
599Kb / 28P
   System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5542A AD-AD5542A Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5542A AD-AD5542A Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD5542A AD-AD5542A Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
More results

Podobny opis - AD5542A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com