Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5442ABCPZ-1 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD5442ABCPZ-1
Szczegółowy opis  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5442ABCPZ-1 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD5442ABCPZ-1 Datasheet HTML 5Page - Analog Devices AD5442ABCPZ-1 Datasheet HTML 6Page - Analog Devices AD5442ABCPZ-1 Datasheet HTML 7Page - Analog Devices AD5442ABCPZ-1 Datasheet HTML 8Page - Analog Devices AD5442ABCPZ-1 Datasheet HTML 9Page - Analog Devices AD5442ABCPZ-1 Datasheet HTML 10Page - Analog Devices AD5442ABCPZ-1 Datasheet HTML 11Page - Analog Devices AD5442ABCPZ-1 Datasheet HTML 12Page - Analog Devices AD5442ABCPZ-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Preliminary Technical Data
AD5541A/AD5542A/AD5512AA
Rev. P
rA | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 14. Integral Nonlinearity vs. Code
Figure 15. Integral Nonlinearity vs. Temperature
Figure 16. Linearity Error vs. Supply Voltage
Figure 17. Differential Nonlinearity vs. Code
Figure 18. Differential Nonlinearity vs. Temperature
Figure 19. Linearity Error vs. Reference Voltage


Podobny numer części - AD5442ABCPZ-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD544 AD-AD544 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD5440 AD-AD5440 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5440 AD-AD5440 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
More results

Podobny opis - AD5442ABCPZ-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com