Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4030 Arkusz danych(PDF) 1 Page - Comset Semiconductor

Numer części 2N4030
Szczegółowy opis  GENERAL PURPOSE AMPLIFIERS AND SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMSET [Comset Semiconductor]
Strona internetowa  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4030 Arkusz danych(HTML) 1 Page - Comset Semiconductor

  2N4030 Datasheet HTML 1Page - Comset Semiconductor 2N4030 Datasheet HTML 2Page - Comset Semiconductor 2N4030 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP 2N4030 – 2N4031 – 2N4032 – 2N4033
COMSET SEMICONDUCTORS
1/3
They are silicon planar epitaxial PNP transistors mounted in TO-39 metal package.
They are intended for large signal, low noise industrial applications.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N4030
60
2N4031
80
2N4032
60
-VCBO
Collector-Base Voltage
IE = 0
2N4033
80
V
2N4030
60
2N4031
80
2N4032
60
-VCEO
Collector-Emitter Voltage
IB = 0
2N4033
80
V
2N4030
2N4031
2N4032
-VEBO
Emitter-Base Voltage
IC = 0
2N4033
5
V
2N4030
2N4031
2N4032
-IC
Collector Current
2N4033
1
A
@ Tcase= < 25°
4
Ptot
@ Tamb= < 25°
0.8
Watts
TJ
Junction Temperature
200
°C
TStg
Storage Temperature range
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-c
Thermal Resistance, Junction-case
44
K/ W
RthJ-amb
Thermal Resistance, Junction-ambient
218
K/ W
G
GE
EN
NE
ER
RA
AL
L P
PU
UR
RP
PO
OS
SE
E A
AM
MP
PL
LIIF
FIIE
ER
RS
S A
AN
ND
D S
SW
WIIT
TC
CH
HE
ES
S


Podobny numer części - 2N4030

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Electronics
2N4030 MICRO-ELECTRONICS-2N4030 Datasheet
143Kb / 2P
   PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4030 CENTRAL-2N4030 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N4030 SEME-LAB-2N4030 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N4030 NJSEMI-2N4030 Datasheet
480Kb / 2P
   GENERAL PURPOSE HIGH-VOLTAGE
logo
Comset Semiconductor
2N4030 COMSET-2N4030 Datasheet
84Kb / 4P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
More results

Podobny opis - 2N4030

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
2N3110 NJSEMI-2N3110 Datasheet
94Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
STMicroelectronics
2N2905 STMICROELECTRONICS-2N2905 Datasheet
63Kb / 5P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Comset Semiconductor
2N3108 COMSET-2N3108 Datasheet
87Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
2N4030 COMSET-2N4030_12 Datasheet
84Kb / 4P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Micro Electronics
2N2906 MICRO-ELECTRONICS-2N2906 Datasheet
103Kb / 2P
   PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
2N5368 MICRO-ELECTRONICS-2N5368 Datasheet
86Kb / 1P
   COMPLEMENTARY SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Raytheon Company
2N22907A RAYTHEON-2N22907A Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
logo
Micro Electronics
MPS6530 MICRO-ELECTRONICS-MPS6530 Datasheet
133Kb / 2P
   COMPLEMENTARY SILICON GENERAL PURPOSE AMPLIFIERS & SWITCHES
logo
Fairchild Semiconductor
PN4916 FAIRCHILD-PN4916 Datasheet
286Kb / 9P
   PNP Small Signal General Purpose Amplifiers & Switches
FTSO3638 FAIRCHILD-FTSO3638 Datasheet
307Kb / 8P
   PNP Small Signal General Purpose Amplifiers & Switches
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com