Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3715 Arkusz danych(PDF) 4 Page - Comset Semiconductor

Numer części 2N3715
Szczegółowy opis  EPITAXIAL-BASE NPN - PNP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COMSET [Comset Semiconductor]
Strona internetowa  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3715 Arkusz danych(HTML) 4 Page - Comset Semiconductor

  2N3715 Datasheet HTML 1Page - Comset Semiconductor 2N3715 Datasheet HTML 2Page - Comset Semiconductor 2N3715 Datasheet HTML 3Page - Comset Semiconductor 2N3715 Datasheet HTML 4Page - Comset Semiconductor 2N3715 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
COMSET SEMICONDUCTORS
4/5
2N3713/2N3714/2N3715/2N3716 - NPN
2N3789/2N3790/2N3791/2N3792 - PNP
Symbol
Ratings
Test Condition(s)
Min Typ Mx Unit
2N3713
2N3714
2N3789
2N3790
25
-
90
2N3715
2N3716
50
-
150
IC=1.0 A, VCE=2.0 V
2N3791
2N3792
50
-
180
2N3713
2N3714
2N3789
2N3790
15
-
-
IC=3.0 A, VCE=2.0 V
2N3715
2N3716
2N3791
2N3792
30
-
-
hFE
DC Current Gain (1) (2)
IC=10 A, VCE=4.0 V
2N3713
2N3714
2N3715
2N3716
2N3789
2N3790
2N3791
2N3792
5.0
-
-
-
2N3713
2N3714
2N3791
2N3792
--
1.0
IC=5.0 A, IB=0.5 A
2N3715
2N3716
--
0.8
VCE(SAT)
Collector-Emitter saturation
Voltage (1) (2)
IC=4.0 Adc, IB=0.5 Adc
2N3789
2N3790
--
1.0
V
2N3713
2N3714
2N3789
2N3790
--
2.0
VBE(SAT)
Base-Emitter Saturation
Voltage (1) (2)
IC=5.0 Adc, IB=0.5 Adc
2N3715
2N3716
2N3791
2N3792
--
1.5
V
2N3713
2N3714
--
2.0
IC=5.0 Adc, VCE=2.0 Vdc
2N3715
2N3716
--
1.8
VBE
Base-Emitter Voltage (1) (2)
IC=10 A, VCE=4.0 V
2N3713
2N3714
2N3715
2N3716
--
4.0
V


Podobny numer części - 2N3715

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
2N3715 MOTOROLA-2N3715 Datasheet
272Kb / 6P
   10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
logo
Boca Semiconductor Corp...
2N3715 BOCA-2N3715 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
Microsemi Corporation
2N3715 MICROSEMI-2N3715 Datasheet
64Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3715 ETC-2N3715 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N3715 ISC-2N3715 Datasheet
42Kb / 2P
   isc Silicon NPN Power Transistors
More results

Podobny opis - 2N3715

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
List of Unclassifed Man...
BDX53 ETC-BDX53 Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
BDX18 COMSET-BDX18_12 Datasheet
79Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Seme LAB
BDX14AA SEME-LAB-BDX14AA Datasheet
15Kb / 2P
   PNP SILICON TRANSISTOR, EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com