Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZOLED034A Arkusz danych(PDF) 5 Page - AZ Displays

Numer części AZOLED034A
Szczegółowy opis  SPECIFICATIONS FOR OLED DISPLAY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AZOLED034A Arkusz danych(HTML) 5 Page - AZ Displays

  AZOLED034A Datasheet HTML 1Page - AZ Displays AZOLED034A Datasheet HTML 2Page - AZ Displays AZOLED034A Datasheet HTML 3Page - AZ Displays AZOLED034A Datasheet HTML 4Page - AZ Displays AZOLED034A Datasheet HTML 5Page - AZ Displays AZOLED034A Datasheet HTML 6Page - AZ Displays AZOLED034A Datasheet HTML 7Page - AZ Displays AZOLED034A Datasheet HTML 8Page - AZ Displays AZOLED034A Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4.1 Panel Mechanical Specifications (With Touch)
Parameter
Specifications
Unit
Screen Size
3.4 (diagonal)
inch
Display Format
480 x (R.G.B) x 272
dot
Active Area
74.88(W) x 42.43 (H)
mm
Pixel Pitch
0.156(W) x 0.156(H)
mm
Pixel Configuration
Stripe
Outline Area
82.8(W) x 54.3(H)
mm
Thickness
2.8
mm
4.2 Panel Optical Characteristics (With Touch)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Remark
Left
---
170
---
deg
Horizontal
Right
---
170
---
Top
---
170
---
deg
Viewing Angle
Vertical
Bottom
CR >10
---
170
---
deg
Contrast Ratio
CR
At optimized
Viewing
angle
5000:1
10000:1 ---
---
Tr
---
---
---
---
Response time
Rise Fall
Tf
θ= 0°
---
---
50
us
Brightness
136
160
184
cd/m²
x
θ= 0°
0.26
0.31
0.36
White Chromaticity
y
θ= 0°
0.28
0.33
0.38
Operation life time
25℃
30000
---
---
Hr
AZ DISPLAYS, INC.
PAGE 5 OF 23


Podobny numer części - AZOLED034A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
AZOLED043A AZDISPLAYS-AZOLED043A Datasheet
8Mb / 25P
   SPECIFICATIONS FOR OLED DISPLAY
AZOLED043A-T AZDISPLAYS-AZOLED043A-T Datasheet
8Mb / 25P
   SPECIFICATIONS FOR OLED DISPLAY
More results

Podobny opis - AZOLED034A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
AZOLED043A AZDISPLAYS-AZOLED043A Datasheet
8Mb / 25P
   SPECIFICATIONS FOR OLED DISPLAY
logo
Newhaven Display Intern...
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
   OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
   OLED Display Module
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
   OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
   OLED Display Module
logo
Crystalfontz America, I...
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
   OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
   OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
   OLED DISPLAY MODULE
logo
Newhaven Display Intern...
NHD-0216SZW-BG5 NEWHAVEN-NHD-0216SZW-BG5 Datasheet
558Kb / 21P
   OLED Display Module
NHD-0216SZW-BY5 NEWHAVEN-NHD-0216SZW-BY5 Datasheet
558Kb / 21P
   OLED Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com