Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G104X1-L01 Arkusz danych(PDF) 9 Page - AZ Displays

Numer części G104X1-L01
Szczegółowy opis  TFT LCD Approval Specification
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

G104X1-L01 Arkusz danych(HTML) 9 Page - AZ Displays

Back Button G104X1-L01 Datasheet HTML 5Page - AZ Displays G104X1-L01 Datasheet HTML 6Page - AZ Displays G104X1-L01 Datasheet HTML 7Page - AZ Displays G104X1-L01 Datasheet HTML 8Page - AZ Displays G104X1-L01 Datasheet HTML 9Page - AZ Displays G104X1-L01 Datasheet HTML 10Page - AZ Displays G104X1-L01 Datasheet HTML 11Page - AZ Displays G104X1-L01 Datasheet HTML 12Page - AZ Displays G104X1-L01 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Issued Date: Aug. 26, 2008
Model No.: G104X1-L01
Approval
9
Version2.2
4.2 BACKLIGHT UNIT
5. INTERFACE PIN CONNECTION
5.1 TFT LCD MODULE
CN1 Connector Pin Assignment
Pin No.
Symbol
Description
Note
1
NC
No Connection
(2)
2
GND
Ground
-
3
RX3+
Positive transmission data of pixel 3
-
4
RX3-
Negative transmission data of pixel 3
-
5
GND
Ground
-
6
RXCLK+
Positive of clock
-
7
RXCLK-
Negative of clock
-
8
GND
Ground
-
9
RX2+
Positive transmission data of pixel 2
-
10
RX2-
Negative transmission data of pixel 2
-
11
GND
Ground
-
12
RX1+
Positive transmission data of pixel 1
-
13
RX1-
Negative transmission data of pixel 1
-
14
GND
Ground
-
15
RX0+
Positive transmission data of pixel 0
-
16
RX0-
Negative transmission data of pixel 0
-
17
GND
Ground
-
18
STV
Vertical Start Pulse Output
-
19
GND
Ground
-
20
NC
No Connection
-
21
NC
No Connection
-
22
NC
No Connection
-
23
NC
No Connection
-
24
RPF
Reverse Panel Function (Display Rotation)
(3)
25
GND
Ground
-
26
GND
Ground
-
27
GND
Ground
-
28
VCC
Power supply: +3.3V
-
29
VCC
Power supply: +3.3V
-
30
VCC
Power supply: +3.3V
-
Note (1) Connector Part No.: JAE,FI-XB30SRL-HF11 or compatible
Note (2) Reserved for internal use. Please leave it floating.


Podobny numer części - G104X1-L01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
G104X1-L03 AZDISPLAYS-G104X1-L03 Datasheet
725Kb / 27P
   TFT LCD Tentative Specification
G104X1-L04 AZDISPLAYS-G104X1-L04 Datasheet
572Kb / 26P
   10.4??TFT Liquid Crystal Display module
More results

Podobny opis - G104X1-L01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
G133I1-L02 AZDISPLAYS-G133I1-L02 Datasheet
667Kb / 27P
   TFT LCD Approval Specification
logo
Chi Mei Corporation.
M215H1-L01 CHIMEI-M215H1-L01 Datasheet
615Kb / 28P
   TFT LCD Approval Specification
logo
AZ Displays
G150X1-L01 AZDISPLAYS-G150X1-L01 Datasheet
612Kb / 27P
   TFT LCD Approval Specification
logo
Chi Mei Corporation.
M220Z1-L10 CHIMEI-M220Z1-L10 Datasheet
551Kb / 26P
   TFT LCD Approval Specification
logo
AZ Displays
G121S1-L01 AZDISPLAYS-G121S1-L01 Datasheet
825Kb / 26P
   TFT LCD Approval Specification
G121X1-L01 AZDISPLAYS-G121X1-L01 Datasheet
807Kb / 26P
   TFT LCD Approval Specification
G154I1-L01 AZDISPLAYS-G154I1-L01 Datasheet
636Kb / 26P
   TFT LCD Approval Specification
G150X1-L02 AZDISPLAYS-G150X1-L02 Datasheet
612Kb / 27P
   TFT LCD Approval Specification
G104V1-T01 AZDISPLAYS-G104V1-T01 Datasheet
715Kb / 26P
   TFT LCD Approval Specification
logo
Chi Mei Corporation.
M190A1-L07 CHIMEI-M190A1-L07 Datasheet
687Kb / 25P
   TFT LCD Approval Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com