Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD035VL1 Arkusz danych(PDF) 9 Page - AZ Displays

Numer części PD035VL1
Szczegółowy opis  TECHNICAL SPECIFICATION
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035VL1 Arkusz danych(HTML) 9 Page - AZ Displays

Back Button PD035VL1 Datasheet HTML 5Page - AZ Displays PD035VL1 Datasheet HTML 6Page - AZ Displays PD035VL1 Datasheet HTML 7Page - AZ Displays PD035VL1 Datasheet HTML 8Page - AZ Displays PD035VL1 Datasheet HTML 9Page - AZ Displays PD035VL1 Datasheet HTML 10Page - AZ Displays PD035VL1 Datasheet HTML 11Page - AZ Displays PD035VL1 Datasheet HTML 12Page - AZ Displays PD035VL1 Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PD035VL1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:9
6. Absolute Maximum Ratings :
The followings are maximum values , which if exceeded, may cause faulty operation or
damage to the unit.
GND=0V, Ta=25
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VCC
-0.3
+4.0
V
7.Electrical Characteristics
7-1) Recommended Operating Conditions:
Ta = 25
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
Vcc
3.0
3.3
3.6
V
Current Dissipation
Icc
-
455.4
496.8
mA
Note 7-1
LVDS Differential input high threshold
VTH
-
-
100
mV
LVDS Differential input low threshold
VTL
-100
-
-
Vcom Voltage
Vcom
-
2.6
-
V
Note 7-1 : To test the current dissipation of VCC using the “color bars” testing pattern shown
as below
1
23
45
678
1.
White
2.
Yellow
3.
Cyan
4.
Green
5.
Magenta
6.
Red
7.
Blue
8.
Black
Idd current dissipation testing pattern


Podobny numer części - PD035VL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PD035VX1 ETC-PD035VX1 Datasheet
407Kb / 25P
   TFT-LCD Module
logo
AZ Displays
PD035VX2 AZDISPLAYS-PD035VX2 Datasheet
477Kb / 26P
   TFT-LCD Module
PD035VX3 AZDISPLAYS-PD035VX3 Datasheet
847Kb / 27P
   Color TFT LCD module
More results

Podobny opis - PD035VL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com