Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD050QT2 Arkusz danych(PDF) 10 Page - AZ Displays

Numer części PD050QT2
Szczegółowy opis  TECHNICAL SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD050QT2 Arkusz danych(HTML) 10 Page - AZ Displays

Back Button PD050QT2 Datasheet HTML 6Page - AZ Displays PD050QT2 Datasheet HTML 7Page - AZ Displays PD050QT2 Datasheet HTML 8Page - AZ Displays PD050QT2 Datasheet HTML 9Page - AZ Displays PD050QT2 Datasheet HTML 10Page - AZ Displays PD050QT2 Datasheet HTML 11Page - AZ Displays PD050QT2 Datasheet HTML 12Page - AZ Displays PD050QT2 Datasheet HTML 13Page - AZ Displays PD050QT2 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PD050QT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:10
10. Interface Timing
10-1) Timing Parameters
AC Electrical Characteristics (VCC =+3.3V,GND=0V,Ta=25
)
Symbol
Min.
Typ.
Max.
Unit
Power supply
VCC
3.0
3.3
3.6
V
1/tc
-
6.3
7.0
MHz
CLK
Frequency
tc
-
158
-
ns
-
63.6
-
us
Period
Hp
-
400
-
tc
Display period
Hdp
-
320
-
tc
Pulse width
Hpw
5
30
-
tc
Back-porch
Hbp
-
38
-
tc
Front-porch
Hfp
-
12
-
tc
Hpw+Hbp
-
68
-
tc
HSYNC
Hsync-CLK
Hhc
10
-
Tc-10
ns
-
16.8
-
ms
Period
Vp
-
262
288
Hp
Display period
Vdp
-
240
-
Hp
Pulse width
Vpw
-
3
-
Hp
Back-porch
Vbp
-
15
-
Hp
Front-porch
Vfp
-
6
-
Hp
VSYNC
Vpw+Vbp
-
18
-
Hp
Horizontal scanning
period
T1
-
400
-
tc
Horizontal display
period
T2
-
320
-
tc
Vertical display
period
T3
-
240
-
T1
DENB
Frame cycling
period
T4
-
262
288
T1
CLK-DATA
Dcd
10
-
-
ns
R,G,B
DATA-CLK
Ddc
8
-
-
ns
P-511-461(V:2)


Podobny numer części - PD050QT2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD050QX2 AZDISPLAYS-PD050QX2 Datasheet
1Mb / 39P
   TECHNICAL SPECIFICATION
More results

Podobny opis - PD050QT2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com