Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD057VU4 Arkusz danych(PDF) 10 Page - AZ Displays

Numer części PD057VU4
Szczegółowy opis  TECHNICAL SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AZDISPLAYS [AZ Displays]
Strona internetowa  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VU4 Arkusz danych(HTML) 10 Page - AZ Displays

Back Button PD057VU4 Datasheet HTML 6Page - AZ Displays PD057VU4 Datasheet HTML 7Page - AZ Displays PD057VU4 Datasheet HTML 8Page - AZ Displays PD057VU4 Datasheet HTML 9Page - AZ Displays PD057VU4 Datasheet HTML 10Page - AZ Displays PD057VU4 Datasheet HTML 11Page - AZ Displays PD057VU4 Datasheet HTML 12Page - AZ Displays PD057VU4 Datasheet HTML 13Page - AZ Displays PD057VU4 Datasheet HTML 14Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PD057VU4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:10
10. Interface Timing
10-1) Timing Parameters
AC Electrical Characteristics (VCC =+3.3V,GND=0V,Ta=25
)
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Remark
-
25.18
28.33
MHz
V/Q=H
Frequency
1/Tc
-
6.3
7.0
MHz
V/Q=L
Clock
Duty ratio
Tch/Tc
40
50
60
%
V/Q=L
Set up time
Tds
5
-
-
Data
Hold time
Tdh
10
-
-
ns
30.0
31.8
-
us
TH
700
800
900
clock
V/Q=H
50.0
63.6
-
us
Cycle
TH
360
400
450
clock
V/Q=L
Horizontal
sync. Signal
Pulse width
THp
2
96
200
clock
TV
515
525
560
V/Q=H
Cycle
TV
251
262
280
line
V/Q=L
Vertical sync.
Signal
Pulse width
TVp
2
-
34
line
Horizontal display period
THd
320
Clock
Hsync.-Clock phase difference
THc
10
-
Tc-10
ns
Hsync.-Vsync. Phase
difference
TVh
0
-
TH-THp
ns
34
V/Q=H
Vertical sync. Signal start
position
TVs
7
line
V/Q=L
Note10-1
In case of lower frequency, the deterioration of the display quality, flicker etc.,
may occur.
Parameter
symbol
Min.
Typ
Max
Unit
Remark
Set up time
Tes
5
-
Tc-10
ns
Enable
signal
Pulse width
Tep
2
320
TH-10
clock
44
-
TH-664
V/Q=H
Hsync-Enable signal
phase difference
The
2
-
TH-340
clock
V/Q=L
Note10-2
When ENAB is fixed at “V/Q=Low”, the display starts from the data of C52 (clock).
When ENAB is fixed at “V/Q=High”, the display starts from the data of C104 (clock).
P-511-361(V:5)
Ver:5
10/19


Podobny numer części - PD057VU4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
More results

Podobny opis - PD057VU4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com