Zakładka z wyszukiwarką danych komponentów |
|
LA209B-1-X.5EG.X-PF Arkusz danych(PDF) 3 Page - LIGITEK electronics co., ltd. |
|
LA209B-1-X.5EG.X-PF Arkusz danych(HTML) 3 Page - LIGITEK electronics co., ltd. |
3 / 7 page Tstg Note : 1.The forward voltage data did not including ±0.1V testing tolerance. 2. The luminous intensity data did not including ±15% testing tolerance. -40 ~ +100 Typical Electrical & Optical Characteristics (Ta=25 ℃) Storage Temperature ℃ Page 2/6 Absolute Maximum Ratings -40 ~ +85 30 Forward Current IF Operating Temperature Reverse Current @5V Topr Ir Peak Forward Current Duty 1/10@10KHz Power Dissipation 120 IFP PD 100 Parameter G Symbol Absolute Maximum Ratings at Ta=25 ℃ 30 mA ℃ 10 μA 120 mA 100 mW E UNIT LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Forward voltage @ mA(V) Min. 1.7 1.7 Green LA209B-1/X.5EG.X-PF GaP 565 30 Emitted PART NO MATERIAL Peak wave length λPnm Lens COLOR Spectral halfwidth △λnm 104 4.5 2.6 1.8 2.6 3.0 1.8 104 Viewing angle 2 θ 1/2 (deg) Typ. Max. Min. Luminous intensity @10mA(mcd) 20 GaAsP/GaP Orange 635 45 PART NO. LA209B-1/X.5EG.X-PF White Diffused |
Podobny numer części - LA209B-1-X.5EG.X-PF |
|
Podobny opis - LA209B-1-X.5EG.X-PF |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |