Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7291 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7291
Szczegółowy opis  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7291 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7291 Datasheet HTML 2Page - Analog Devices AD7291 Datasheet HTML 3Page - Analog Devices AD7291 Datasheet HTML 4Page - Analog Devices AD7291 Datasheet HTML 5Page - Analog Devices AD7291 Datasheet HTML 6Page - Analog Devices AD7291 Datasheet HTML 7Page - Analog Devices AD7291 Datasheet HTML 8Page - Analog Devices AD7291 Datasheet HTML 9Page - Analog Devices AD7291 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD7291
Preliminary Technical Data
Rev. PrC | Page 6 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Note: The exposed metal paddle on the bottom of the LFCSP package
should be soldered to PCB ground for proper heat dissipation and performance.
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1-5,
18,19,
20
VIN1, VIN2,
VIN3, VIN4,
VIN5, VIN6
VIN7, VIN8
Analog Inputs. The AD7291 has 8 single-ended analog inputs that are multiplexed into the on-chip track-and-
hold. Each input channel can accept analog inputs from 0V to 2.5V. Any unused input channels should be
connected to GND1 to avoid noise pickup.
14
SDA
Digital Input/Output. Serial bus bidirectional data. This open-drain output requires a pull-up resistor. The output
coding is straight binary for the voltage channels and two’s complement for the temperature sensor result.
16
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at the voltage at which the interface
operates. This pin should be decoupled to GND. The voltage range on this pin is 1.65V to 3.6V and may be less
than the voltage at VDD, but should never exceed it by more than 0.3V. To set the input and output thresholds,
connect this pin to the supply to which the I2C bus is pulled.
10
VDD
Supply Voltage, 2.8 V to 3.6 V. This supply should be decoupled to GND with 10 µF and 100 nF decoupling
capacitors.
7
VREF
Internal Reference / External Reference supply. The nominal internal reference voltage of 2.5V appears at this pin.
Provided the output is buffered, the on-chip reference can be taken from this pin and applied externally to the
rest of a system. Decoupling capacitors should be connected to this pin to decouple the reference buffer to
GND1. For best performance, it is recommended to use a 10 μF decoupling capacitor. The internal reference can
be disabled and an external reference supplied to this pin if required. The input voltage range for the external
reference is 2.0 V to 2.5V.
6
GND1
Ground. Ground reference point for the internal reference circuitry on the AD7291. All analog input signals and
the external reference signals should be referred to this GND1 voltage. The GND1 pin should be connected to the
GND plane of a system. All GND1 pins should ideally be at the same potential and must not be more than 0.3 V
apart, even on a transient basis. The VREF should be decoupled to this ground pin via a 10 μF decoupling cap.
9
GND
Ground. Ground reference point for all analog and digital circuitry on the AD7291. The GND pin should be
connected to the GND plane of a system. All GND pins should ideally be at the same potential and must not be
more than 0.3 V apart, even on a transient basis. Both DCAP and VDD should be decoupled to this GND pin.
15
SCL
Serial I2C Bus Clock. The data transfer rate in I2C mode is compatible with both 100 kHz and 400 kHz operating
modes. This open-drain output requires pull-up resistors.
12
ALERT
Digital Output. This pin acts as an out-of-range indicator and if enabled, becomes active when the conversion result
violates the DATAHIGH or DATALOW register values. See the Limit Register section.
11, 13
AS0, AS1
Logic Input. Together, the logic state of these inputs selects a unique I2C address for the AD7291. See Table X for
details. The device address depends on the voltage applied to these pins.
17
PD
Power Down Pin. This pin will place the part into a full power down mode and will enable power conservation
when the parts operation is not required. This pin can be used to RESET the device by toggling the pin LOW for a
minimum of TBD ns and a maximum of TBDns. If the maximum time is exceeded the part will enter power-down
mode.
/RST
8
DCAP
Decoupling Capacitor Pin. Decoupling capacitor (10 μF recommended) is connected to this pin to decouple the
internal LDO.


Podobny numer części - AD7291

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291 AD-AD7291 Datasheet
572Kb / 29P
   Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
572Kb / 29P
   Temperature Sensor
More results

Podobny opis - AD7291

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com