Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7298 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7298
Szczegółowy opis  8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7298 Arkusz danych(HTML) 2 Page - Analog Devices

  AD7298 Datasheet HTML 1Page - Analog Devices AD7298 Datasheet HTML 2Page - Analog Devices AD7298 Datasheet HTML 3Page - Analog Devices AD7298 Datasheet HTML 4Page - Analog Devices AD7298 Datasheet HTML 5Page - Analog Devices AD7298 Datasheet HTML 6Page - Analog Devices AD7298 Datasheet HTML 7Page - Analog Devices AD7298 Datasheet HTML 8Page - Analog Devices AD7298 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Preliminary Technical Data
AD7298
Rev. PrA | Page 2 of 18
SPECIFICATIONS
AD7298 SPECIFICATIONS
VDD = 2.8V to 3.6V; VDRIVE = 1.65 V to 3.6 V; fSAMPLE = 1 MSPS, fSCLK = 20 MHz, fast SCLK mode; VREF = 2.5 V internal/external; TA = −40°C
to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave
Signal-to-Noise Ratio (SNR)1
70
71
dB
Signal-to-Noise (+ Distortion) Ratio (SINAD)1
70
71
dB
Total Harmonic Distortion (THD)1
−84
78
dB
Spurious-Free Dynamic Range (SFDR)1
−85
80
dB
Intermodulation Distortion (IMD)1
fA = 40.1 kHz, fB = 41.5 kHz
Second-Order Terms
−88
dB
Third-Order Terms
−88
dB
Channel-to-Channel Isolation1
−100
dB
SAMPLE AND HOLD
Aperture Delay2
10
ns
Aperture Jitter2
40
ps
Full Power Bandwidth
TBD
MHz
@ 3 dB
TBD
MHz
@ 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)1
±0.5
±1
LSB
Differential Nonlinearity (DNL)1
±0.5
±0.99
LSB
Guaranteed no missed codes to 12 bits
Offset Error
±1
±6
LSB
Offset Error Matching
±0.5
±1
LSB
Offset Temperature Drift
4
ppm/°C
Gain Error
±1
±2
LSB
Gain Error Matching
±0.5
±1
LSB
Gain Temperature Drift
0.5
ppm/°C
ANALOG INPUT
Input Voltage Ranges
0
VREF
V
DC Leakage Current
±0.01
±1
µA
Input Capacitance
32
pF
When in track
Input Impedance
TBD
@ 1 MSPS
REFERENCE INPUT/OUTPUT
Reference Output Voltage3
2.4875
2.5
2.5125
V
±0.5% maximum @ 25°C
Long-Term Stability
150
ppm
For 1000 hours
Output Voltage Hysteresis1
50
ppm
Reference Input Voltage Range4
2.0
2.5
V
DC Leakage Current
±0.01
±1
µA
External reference applied to Pin VREF
Input Capacitance
TBD
pF
VREF Output Impedance
1
Reference Temperature Coefficient
6
25
ppm/°C
VREF Noise
60
µV rms
Bandwidth = TBD kHz


Podobny numer części - AD7298

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7298 AD-AD7298 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7298 AD-AD7298 Datasheet
452Kb / 25P
   Temperature Sensor
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1BCPZ AD-AD7298-1BCPZ Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
More results

Podobny opis - AD7298

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com