Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7298BCPZ-RL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7298BCPZ-RL7
Szczegółowy opis  8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7298BCPZ-RL7 Arkusz danych(HTML) 3 Page - Analog Devices

  AD7298BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7298BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Preliminary Technical Data
AD7298
Rev. PrA | Page 3 of 18
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
0.7 ×
VDRIVE
V
Input Low Voltage, VINL
+0.3 x
VDRIVE
V
Input Current, IIN
±0.01
±1
µA
VIN = 0 V or VDRIVE
Input Capacitance, CIN2
3
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE
0.2
V
Output Low Voltage, VOL
0.4
V
Floating State Leakage Current
±0.01
±1
µA
Floating State Output Capacitance2
8
pF
TEMPERATURE SENSOR—INTERNAL
Operating Range
−40
+125
Accuracy
±1
±2
°C
TA = −40°C to +85°C
±2
±3
°C
TA = >85°C to 125°C
Resolution
0.25
°C
LSB size
CONVERSION RATE
Conversion Time
T2 + 16
× tSCL
1
μs
For VIN0 to VIN7, with one cycle Latency.
100
μs
TSENSE Channel
Track/Hold Acquisition Time2
TBD
ns
Full-scale step input
Throughput Rate
1
MSPS
fSCLK = 20 MHz, for analog voltage conversions,
one cycle Latency,
10
KSPS
For TSENSE channel, one cycle Latency
POWER REQUIREMENTS
Digital inputs = 0 V or VDRIVE
VDD
2.8
3
3.6
V
See
VDRIVE
1.65
3
3.6
V
ITOTAL5
VDD = 3.3V
Normal Mode (Operational)6
5
mA
Normal Mode (Static)
3
mA
Partial Power-Down Mode
TBD
mA
Full Power-Down Mode
5
60
μA
Power Dissipation
VDD = 3.3V
Normal Mode (Operational)
16.5
mW
Normal Mode (Static)
9.9
mW
Partial Power-Down Mode
TBD
mW
Full Power-Down Mode
1.65
μW
1 See the Terminology Section.
2 Sample tested during initial release to ensure compliance.
3 Refers to Pin
VREF specified for 25oC.
4 VREF variations from 2.5V will alter the gain error of the temperature sensor, oC per LSB, and a correction factor may be required, See Section X.
5 ITOTAL is the total current flowing in VDD and VDRIVE.
6 Current and power typical specifications are based on results with VDD = 3V and VDRIVE = 1.8V


Podobny numer części - AD7298BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7298BCPZ-RL7 AD-AD7298BCPZ-RL7 Datasheet
452Kb / 25P
   Temperature Sensor
More results

Podobny opis - AD7298BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
   AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com