Zakładka z wyszukiwarką danych komponentów |
|
LA223B-G.SEG-2-PF Arkusz danych(PDF) 7 Page - LIGITEK electronics co., ltd. |
|
LA223B-G.SEG-2-PF Arkusz danych(HTML) 7 Page - LIGITEK electronics co., ltd. |
7 / 7 page This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 1.T.Sol=260 ℃±5℃ 2.Dwell time= 10 ±1sec. 1.T.Sol=230 ℃±5℃ 2.Dwell time=5 ±1sec Solder Resistance Test Solderability Test This test intended to see soldering well performed or not. JIS C 7021: B-12 MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 MIL-STD-202:103B JIS C 7021: B-11 MIL-STD-883:1008 JIS C 7021: B-10 MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Description Test Item Test Condition 1.Under Room Temperature 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs) 1.Ta=65 ℃±5℃ 2.RH=90 %~95% 3.t=240hrs ±2hrs 1.Ta=105 ℃±5℃&-40℃±5℃ (10min) (10min) 2.total 10 cycles 1.Ta=-40 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) 1.Ta=105 ℃±5℃ 2.t=1000 hrs (-24hrs, +72hrs) Low Temperature Storage Test High Temperature High Humidity Test Thermal Shock Test Operating Life Test High Temperature Storage Test The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. The purpose of this test is the resistance of the device under tropical for hours. The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. Reliability Test: Reference Standard Page6/6 PART NO. LA223B/G.SEG-2-PF |
Podobny numer części - LA223B-G.SEG-2-PF |
|
Podobny opis - LA223B-G.SEG-2-PF |