Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAU1781BCPZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADAU1781BCPZ
Szczegółowy opis  Low Noise Stereo Codec with SigmaDSP Processing Core
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAU1781BCPZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADAU1781BCPZ Datasheet HTML 4Page - Analog Devices ADAU1781BCPZ Datasheet HTML 5Page - Analog Devices ADAU1781BCPZ Datasheet HTML 6Page - Analog Devices ADAU1781BCPZ Datasheet HTML 7Page - Analog Devices ADAU1781BCPZ Datasheet HTML 8Page - Analog Devices ADAU1781BCPZ Datasheet HTML 9Page - Analog Devices ADAU1781BCPZ Datasheet HTML 10Page - Analog Devices ADAU1781BCPZ Datasheet HTML 11Page - Analog Devices ADAU1781BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
ADAU1781
Rev. 0 | Page 8 of 88
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Total Harmonic Distortion + Noise
8 Ω, 1 nF load, AVDD = 1.8 V, PO = 50 mW
−60
dB
AVDD = 3.3 V, PO = 175 mW
−60
dB
Dynamic Range
−60 dB input
With A-Weighted Filter (RMS)
AVDD = 1.8 V
97
dB
AVDD = 3.3 V
103
dB
No Filter (RMS)
AVDD = 1.8 V
94
dB
AVDD = 3.3 V
100
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
AVDD = 1.8 V
98
dB
AVDD = 3.3 V
103
dB
No Filter (RMS)
AVDD = 1.8 V
96
dB
AVDD = 3.3 V
101
dB
Power Supply Rejection Ratio
CM capacitor = 10 μF
100 mV p-p at 217 Hz
−57
dB
100 mV p-p at 1 kHz
−60
dB
Differential Offset Error
2
mV
Mono Mixer Mute Attenuation,
Beep to Mixer Path Muted
Mute set by Register 0x401F, Bit 0
−90
dB
REFERENCE (CM PIN)
Common-Mode Reference Output
AVDD/2
V
POWER SUPPLY SPECIFICATIONS
AVDD1 and AVDD2 must always be equal. Power supply measurements are taken with the SigmaDSP processing core enabled.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
AVDD1, AVDD2
1.8
3.3
3.65
V
IOVDD
1.63
3.3
3.65
V
Digital I/O Current (IOVDD = 3.3 V)
20 pF capacitive load on all digital pins
Slave Mode, Analog I/O,
12.288 MHz External MCLK Input
fS = 48 kHz
0.20
mA
fS = 96 kHz
0.35
mA
fS = 8 kHz
0.04
mA
Master Mode, MCKO Disabled
fS = 48 kHz
1.25
mA
fS = 96 kHz
2.50
mA
fS = 8 kHz
0.22
mA
Digital I/O Current (IOVDD = 1.8 V)
20 pF capacitive load on all digital pins
Slave Mode, Analog I/O,
12.288 MHz External MCLK Input
fS = 48 kHz
0.10
mA
fS = 96 kHz
0.18
mA
fS = 8 kHz
0.02
mA
Master Mode, MCKO Disabled
fS = 48 kHz
0.68
mA
fS = 96 kHz
1.33
mA
fS = 8 kHz
0.12
mA
Analog Current (AVDD)
See Table 4


Podobny numer części - ADAU1781BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1781BCPZ AD-ADAU1781BCPZ Datasheet
963Kb / 93P
   Low Noise Stereo Codec
ADAU1781BCPZ-RL7 AD-ADAU1781BCPZ-RL7 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
More results

Podobny opis - ADAU1781BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAU1382 AD-ADAU1382 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Recording and Playback Processing
ADAU1381 AD-ADAU1381 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3107 TI1-TLV320AIC3107 Datasheet
2Mb / 102P
[Old version datasheet]   Low-Power Stereo Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com