Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM7440ARQZ-RL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADuM7440ARQZ-RL7
Szczegółowy opis  1 kV RMS Quad-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM7440ARQZ-RL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADuM7440ARQZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM7440ARQZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM7440ARQZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM7440ARQZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM7440ARQZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM7440ARQZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM7440ARQZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM7440ARQZ-RL7 Datasheet HTML 12Page - Analog Devices ADuM7440ARQZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADuM7440/ADuM7441/ADuM7442
Rev. 0 | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1A 1
GND1* 2
VIA 3
VIB 4
VDD2A
16
GND2*
15
VOA
14
VOB
13
VIC 5
VOC
12
VID 6
VOD
11
VDD1B 7
VDD2B
10
GND1* 8
GND2*
9
ADuM7440
TOP VIEW
(Not to Scale)
*PIN 2 AND PIN 8 ARE INTERNALLY CONNECTED. CONNECTING BOTH
TO GND1 IS RECOMMENDED. PIN 9 AND PIN 15 ARE INTERNALLY
CONNECTED. CONNECTING BOTH TO GND2 IS RECOMMENDED.
Figure 5. ADuM7440 Pin Configuration
Table 19. ADuM7440 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1A
Supply Voltage A for Isolator Side 1 (3.0 V to 5.5 V). Pin 1 must be connected externally to Pin 7. Connect a ceramic
bypass capacitor of value 0.01 μF to 0.1 μF between VDD1A (Pin 1) and GND1 (Pin 2).
2
GND1
Ground 1. Ground reference for Isolator Side 1. Pin 2 and Pin 8 are internally connected, and connecting both to GND1 is
recommended.
3
VIA
Logic Input A.
4
VIB
Logic Input B.
5
VIC
Logic Input C.
6
VID
Logic Input D.
7
VDD1B
Supply Voltage B for Isolator Side 1 (3.0 V to 5.5 V). Pin 7 must be connected externally to Pin 1. Connect a ceramic
bypass capacitor of value 0.01 μF to 0.1 μF between VDD1B (Pin 7) and GND1 (Pin 8).
8
GND1
Ground 1. Ground reference for Isolator Side 1. Pin 2 and Pin 8 are internally connected, and connecting both to GND1 is
recommended.
9
GND2
Ground 2. Ground reference for Isolator Side 2. Pin 9 and Pin 15 are internally connected, and connecting both to GND2 is
recommended.
10
VDD2B
Supply Voltage B for Isolator Side 2 (3.0 V to 5.5 V). Pin 10 must be connected externally to Pin 16. Connect a ceramic
bypass capacitor of value 0.01 μF to 0.1 μF between VDD2B (Pin 10) and GND2 (Pin 9).
11
VOD
Logic Output D.
12
VOC
Logic Output C.
13
VOB
Logic Output B.
14
VOA
Logic Output A.
15
GND2
Ground 2. Ground reference for Isolator Side 2. Pin 9 and Pin 15 are internally connected, and connecting both to GND2 is
recommended.
16
VDD2A
Supply Voltage A for Isolator Side 2 (3.0 V to 5.5 V). Pin 16 must be connected externally to Pin 10. Connect a
ceramic bypass capacitor of value 0.01 μF to 0.1 μF between VDD2A (Pin 16) and GND2 (Pin 15).


Podobny numer części - ADuM7440ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7440 AD-ADUM7440 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
More results

Podobny opis - ADuM7440ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com