Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM7442ARQZ-RL7 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADuM7442ARQZ-RL7
Szczegółowy opis  1 kV RMS Quad-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM7442ARQZ-RL7 Arkusz danych(HTML) 2 Page - Analog Devices

  ADuM7442ARQZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM7442ARQZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM7442ARQZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM7442ARQZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM7442ARQZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM7442ARQZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM7442ARQZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM7442ARQZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM7442ARQZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADuM7440/ADuM7441/ADuM7442
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—3.3 V Operation ............................ 4
 
Electrical Characteristics—Mixed 5 V/3.3 V Operation ........ 5
 
Electrical Characteristics—Mixed 3.3 V/5 V Operation ........ 6
 
Package Characteristics ............................................................... 7
 
Regulatory Information............................................................... 7
 
Insulation and Safety-Related Specifications............................ 7
 
Recommended Operating Conditions .......................................7
 
Absolute Maximum Ratings ............................................................8
 
ESD Caution...................................................................................8
 
Pin Configurations and Function Descriptions ............................9
 
Typical Performance Characteristics ........................................... 12
 
Applications Information .............................................................. 14
 
PC Board Layout ........................................................................ 14
 
Propagation Delay-Related Parameters................................... 14
 
DC Correctness and Magnetic Field Immunity........................... 14
 
Power Consumption .................................................................. 15
 
Insulation Lifetime ..................................................................... 15
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
10/09—Revision 0: Initial Version


Podobny numer części - ADuM7442ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7442 AD-ADUM7442 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
More results

Podobny opis - ADuM7442ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com