Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFD4H5-62-XX-SRP9-3 Arkusz danych(PDF) 8 Page - LIGITEK electronics co., ltd.

Numer części LFD4H5-62-XX-SRP9-3
Szczegółowy opis  FOUR DIGIT LED DISPLAY(0.39Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4H5-62-XX-SRP9-3 Arkusz danych(HTML) 8 Page - LIGITEK electronics co., ltd.

  LFD4H5-62-XX-SRP9-3 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-SRP9-3 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-SRP9-3 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-SRP9-3 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-SRP9-3 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-SRP9-3 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-SRP9-3 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4H5-62-XX-SRP9-3 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Solder Resistance
Test
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Thermal Shock Test
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
High Temperature
Storage Test
Low Temperature
Storage Test
Operating Life Test
LFD4H5/62-XX/SRP9-3
Reliability Test:
Test Item
PART NO.
Test Condition
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
This test intended to see soldering well
performed or not.
MIL-STD-883:1008
JIS C 7021: B-10
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hous.
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
Reference
Standard
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Description
7/7


Podobny numer części - LFD4H5-62-XX-SRP9-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LFD4H5-62-XX-SRP113-6-PF LIGITEK-LFD4H5-62-XX-SRP113-6-PF Datasheet
157Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-62-XX-SRP128-5-PF LIGITEK-LFD4H5-62-XX-SRP128-5-PF Datasheet
157Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-62-XX-SRP61-1-PF LIGITEK-LFD4H5-62-XX-SRP61-1-PF Datasheet
199Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-62-XX-SRP66-2-PF LIGITEK-LFD4H5-62-XX-SRP66-2-PF Datasheet
111Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

Podobny opis - LFD4H5-62-XX-SRP9-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-6SBKS-XX-PF LIGITEK-LFD4H5-6SBKS-XX-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP75-PF LIGITEK-LFD415-62-XX-RP75-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP65 LIGITEK-LFD415-62-XX-SRP65 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-PF LIGITEK-LFD415-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-65-XX-RP6-PF LIGITEK-LFD415-65-XX-RP6-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com