Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFD355-61-XX-PF Arkusz danych(PDF) 9 Page - LIGITEK electronics co., ltd.

Numer części LFD355-61-XX-PF
Szczegółowy opis  FOUR DIGIT LED DISPLAY (0.33 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD355-61-XX-PF Arkusz danych(HTML) 9 Page - LIGITEK electronics co., ltd.

  LFD355-61-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD355-61-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD355-61-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD355-61-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD355-61-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD355-61-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD355-61-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD355-61-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD355-61-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solderability Test
Solder Resistance
Test
This test intended to see soldering well
performed or not.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
JIS C 7021: B-12
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
MIL-STD-883:1008
JIS C 7021: B-10
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
MIL-STD-202:103B
JIS C 7021: B-11
Test Condition
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Under Room Temperature
2.If=10mA
3.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
High Temperature
High Humidity Test
Thermal Shock Test
High Temperature
Storage Test
Operating Life Test
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hours.
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
Reliability Test:
Test Item
Description
Reference
Standard
Page 8/8
PART NO. LFD355/61-XX-PF


Podobny numer części - LFD355-61-XX-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LFD355-62-XX-PF LIGITEK-LFD355-62-XX-PF Datasheet
151Kb / 9P
   FOUR DIGIT LED DISPLAY (0.33 Inch)
More results

Podobny opis - LFD355-61-XX-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LFD3J5-61-XX-PF LIGITEK-LFD3J5-61-XX-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.33 Inch)
LFD355-62-XX-PF LIGITEK-LFD355-62-XX-PF Datasheet
151Kb / 9P
   FOUR DIGIT LED DISPLAY (0.33 Inch)
logo
BRIGHT LED ELECTRONICS ...
BQ-N30DRD BRIGHT-BQ-N30DRD Datasheet
144Kb / 3P
   0.33(8.40MM) FOUR DIGIT LED DISPLAY
logo
Lucky Light Electronic
KW4-332 LUCKY-LIGHT-KW4-332 Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.33)
logo
BRIGHT LED ELECTRONICS ...
BQ-N306RD BRIGHT-BQ-N306RD Datasheet
147Kb / 3P
   0.33(8.40MM) FOUR DIGIT LED DISPLAY
logo
Lucky Light Electronic
KW4-331 LUCKY-LIGHT-KW4-331 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.33)
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com