Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFD435-62U-XX-RP32-PF Arkusz danych(PDF) 8 Page - LIGITEK electronics co., ltd.

Numer części LFD435-62U-XX-RP32-PF
Szczegółowy opis  FOUR DIGIT LED DISPLAY (0.39 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD435-62U-XX-RP32-PF Arkusz danych(HTML) 8 Page - LIGITEK electronics co., ltd.

  LFD435-62U-XX-RP32-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD435-62U-XX-RP32-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PART NO.
Page 7/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Time(sec)
150
260° C3sec Max
5° /sec
max
100
2° /sec
max
Preheat
50
260°
Temp(° C)
120°
0
25°
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260°C
2.Wave Soldering Profile
Dip Soldering
Preheat: 120° C Max
Preheat time: 60seconds Max
Ramp-up
2° C/sec(max)
Ramp-Down:-5°C/sec(max)
Solder Bath:260° C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260°C
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
60 Seconds Max
LFD435/62U-XX/RP32-PF


Podobny numer części - LFD435-62U-XX-RP32-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LFD435-62-XX-F1 LIGITEK-LFD435-62-XX-F1 Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-F1-PF LIGITEK-LFD435-62-XX-F1-PF Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-RP39 LIGITEK-LFD435-62-XX-RP39 Datasheet
104Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results

Podobny opis - LFD435-62U-XX-RP32-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6A-XX-F2-PF LIGITEK-LFD4K5-6A-XX-F2-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6SBKS-XX-F2 LIGITEK-LFD4K5-6SBKS-XX-F2 Datasheet
108Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F1-PF LIGITEK-LFD4K5-61-XX-F1-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F6-PF LIGITEK-LFD4K5-61-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62V-XX-S7-PF LIGITEK-LFD4K5-62V-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62-XX-F6-PF LIGITEK-LFD4K5-62-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com