Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFI3660-PF Arkusz danych(PDF) 1 Page - LIGITEK electronics co., ltd.

Numer części LFI3660-PF
Szczegółowy opis  FLASH ROUND TYPE LED LAMPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFI3660-PF Arkusz danych(HTML) 1 Page - LIGITEK electronics co., ltd.

  LFI3660-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFI3660-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FLASH ROUND TYPE LED LAMPS
SERIES
Part Selection And Application Information (Ratings At 25
Ambient)
•℃
Absolute Maximum Rating (Ta=25)
•℃
Note:1.All dimension are in millimeter tolerance is ±0.25mm unless otherwise noted
2.Specifications are subject to change without notice
Package Dimension
PART NO
MATERIAL
Peak
wave
length
λPnm
Spectral
halfwidth
λnm
Pulse
rate(Hz)
volt=5v
Luminous
intensity
volt=5v(mcd)
Min.
Max.
Min.
Typ.
Operating
voltage
Emitted
PARAMETER
RED
GREEN
YELLOW
ORANGE
Operating Voltage
Operating Temperature
Storage Temperature
REMARK
Features
Built-in IC chip flashes lamps
on and off to attract attention
Pulse rate 2.4Hz
T-1 size
1 inch leads
Large full flood radiating area
IC compatible
Description
The LFI3660-PF series is a solid state
lamp with a red diffused plastic lens
The built-in IC flashes the lamp on/off
and can be driven directly by
standard TTL and CMOS circuit
eliminating the need for external
switching circuitry
UNIT
mA
Peak Current (1/4)
Duty cycle
V
LFI3660-PF
LFI3660-PF
GaAsP/ GaP
2.0
3.0
7.0
12
3.0
0
TO +85
℃℃
-20
TO +85
℃℃
Reverse Voltage
V
DATE:02 - Jun. - 2006
I
60
15
0.4
Orange
Red Diffused
635
45
Lens
COLOR
DOC NO:QW0905-LFI3660-PF
Min.
Max.
12
REV. : A
Pb
Lead-Free Parts
Page 1/2
11.0
10.0
1.5MAX
2.0
13.5
1.0MIN
2.54TYP
25.0MIN
0.5
TYP


Podobny numer części - LFI3660-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LFI3360-PF LIGITEK-LFI3360-PF Datasheet
75Kb / 3P
   FLASH ROUND TYPE LED LAMPS
More results

Podobny opis - LFI3660-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LFHRF3363-PF LIGITEK-LFHRF3363-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFI3360-PF LIGITEK-LFI3360-PF Datasheet
75Kb / 3P
   FLASH ROUND TYPE LED LAMPS
LFURF3360-PF LIGITEK-LFURF3360-PF Datasheet
156Kb / 6P
   FLASH ROUND TYPE LED LAMPS
LFH2060 LIGITEK-LFH2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFH3360-PF LIGITEK-LFH3360-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFG2060 LIGITEK-LFG2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFDGM2063-1.5HZ LIGITEK-LFDGM2063-1.5HZ Datasheet
158Kb / 6P
   FLASH ROUND TYPE LED LAMPS
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com