Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC90A44P Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TC90A44P
Szczegółowy opis  NTSC 2-LINE DIGITAL Y/C SEPARATION IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A44P Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TC90A44P Datasheet HTML 1Page - Toshiba Semiconductor TC90A44P Datasheet HTML 2Page - Toshiba Semiconductor TC90A44P Datasheet HTML 3Page - Toshiba Semiconductor TC90A44P Datasheet HTML 4Page - Toshiba Semiconductor TC90A44P Datasheet HTML 5Page - Toshiba Semiconductor TC90A44P Datasheet HTML 6Page - Toshiba Semiconductor TC90A44P Datasheet HTML 7Page - Toshiba Semiconductor TC90A44P Datasheet HTML 8Page - Toshiba Semiconductor TC90A44P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TC90A44P,45P/F
2001-01-16 3/11
TERMINAL FUNCTION
PIN
No.
NAME
FUNCTION
I / O
INTERFACE CIRCUIT
1
AVSS
Ground for analog components.
2
VRB
ADC bias lower limit reference voltage.
This defaults internally to approximately
2.25 V, so this pin should normally be
conected to ground (AVSS) through a
0.01 µF capacitor.
3
VRT
ADC bias higher limit reference voltage.
This defaults internally to approximately
2.8 V, so this pin should normally be
conected to ground (AVSS) through a
0.01 µF capacitor.
4
ADIN
Composite video signal input.
I
5
BIAS1
ADC bias voltage.
This defaults internally to approximately
1.3 V, so this pin should normally be
conected to ground (AVSS) through a
0.01 µF capacitor.
6
TEST
Test terminal. Normally connected to
ground (DVSS).
7
KILLER
This pin is switch for color killer circuit.
H : For B / W signal, Y / C separation
OFF.
L : Normal Y / C separation
I


Podobny numer części - TC90A44P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
More results

Podobny opis - TC90A44P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC90A44P TOSHIBA-TC90A44P Datasheet
245Kb / 11P
   NTSC 2-LINE DIGITAL Y / C SEPARATION IC
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A53N TOSHIBA-TC90A53N Datasheet
305Kb / 17P
   3-LINE DIGITAL Y / C SEPARATOR IC
logo
Sony Corporation
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Panasonic Semiconductor
MN82832 PANASONIC-MN82832 Datasheet
83Kb / 4P
   3-Dimension Y/C Separation LSI
logo
Toshiba Semiconductor
TC9090AN TOSHIBA-TC9090AN Datasheet
787Kb / 23P
   Multicolor system Version 3-Line digital YC Separation ic
logo
Sony Corporation
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
logo
Toshiba Semiconductor
TC90A49P TOSHIBA-TC90A49P Datasheet
337Kb / 17P
   3LINE DIGITAL Y / C SEPARATOR IC (MULTICOLOR TYPE)
logo
NEC
UPD64084 NEC-UPD64084 Datasheet
419Kb / 66P
   THREE-DIMENSIONAL Y/C SEPARATION LSI WITH ON-CHIP MEMORY
logo
Sony Corporation
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com