Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD62064F Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TD62064F
Szczegółowy opis  4CH HIHG-CURRENT DARLINGTON SINK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62064F Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TD62064F Datasheet HTML 1Page - Toshiba Semiconductor TD62064F Datasheet HTML 2Page - Toshiba Semiconductor TD62064F Datasheet HTML 3Page - Toshiba Semiconductor TD62064F Datasheet HTML 4Page - Toshiba Semiconductor TD62064F Datasheet HTML 5Page - Toshiba Semiconductor TD62064F Datasheet HTML 6Page - Toshiba Semiconductor TD62064F Datasheet HTML 7Page - Toshiba Semiconductor TD62064F Datasheet HTML 8Page - Toshiba Semiconductor TD62064F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TD62064,074P/AP/F/AF
2001-06-04
1
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62064P,TD62064AP,TD62064F,TD62064AF
TD62074P,TD62074AP,TD62074F,TD62074AF
4CH HIGH−CURRENT DARLINGTON SINK DRIVER
The TD62064P / AP / F / AF and TD62074P / AP / F / AF are
high−voltage, high−current darlington drivers comprised of four
NPN darlington pairs.
All units feature integral clamp diodes for switching inductive
loads and all units of TD62074P / AP / F / AF feature
uncommitted collectors and emitters for isolated darlington
applications.
For proper operation, the substrate (SUB) must be connected to
the most negative voltage.
Applications include relay, hammer, lamp and stepping moter
drivers.
FEATURES
l Output current (single output) 1.5 A (Max)
l High sustaining voltage output
35 V (Min) (TD62064P / F, 074P / F)
50 V (Min) (TD62064AP / AF, 074AP / AF)
l Output clamp diodes
: TD62064P / AP / F / AF
l Isolated darlington array : TD62074P / AP / F / AF
l Input compatible with TTL and 5 V CMOS
l GND and SUB terminal = heat sink
l Package type−P, AP: DIP−16 pin
l Package type−F, AF: HSOP−16 pin
PIN CONNECTION (TOP VIEW)
TD62064P / AP
TD62074P / AP
Weight
DIP16−P−300−2.54A : 1.11 g (Typ.)
HSOP16−P−300−1.00 : 0.50 g (Typ.)


Podobny numer części - TD62064F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62064F TOSHIBA-TD62064F Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results

Podobny opis - TD62064F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APG TOSHIBA-TD62064APG Datasheet
246Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com