Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC-2412D2 Arkusz danych(PDF) 5 Page - Bothhand USA, LP.

Numer części BC-2412D2
Szczegółowy opis  1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BC-2412D2 Arkusz danych(HTML) 5 Page - Bothhand USA, LP.

  BC-2412D2 Datasheet HTML 1Page - Bothhand USA, LP. BC-2412D2 Datasheet HTML 2Page - Bothhand USA, LP. BC-2412D2 Datasheet HTML 3Page - Bothhand USA, LP. BC-2412D2 Datasheet HTML 4Page - Bothhand USA, LP. BC-2412D2 Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Bothhand USA
www.bothhand.com sales@bothhandusa.com
BC Series 1.5 to 3 Watt Isolated DC-DC Converter
Single / Dual Regulated Output
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Page 5
Mechanical Dimension ( Dual O/P )
(1). Plastic Case:
(2). Nickel Coated Metal Case:
Pin
Dual Output
Pin
1
---
---
24
2
+Vin
-Vin
23
3
22
4
21
5
20
6
19
7
18
8
17
9
---
---
16
10
Vo (+)
15
11
Common
---
14
12
---
Vo (-)
13
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Podobny numer części - BC-2412D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
BC-2412D2 BOTHHAND-BC-2412D2 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
BC-2412D2(H)LF BOTHHAND-BC-2412D2(H)LF Datasheet
220Kb / 2P
   1.5~3W Isolated DC/DC Converter
More results

Podobny opis - BC-2412D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
BC-053R6S1 BOTHHAND-BC-053R6S1_1 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
B4-0503DS BOTHHAND-B4-0503DS Datasheet
218Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
logo
Power Systems GmbH+Co.K...
CERS-0505M POWER-SYSTEMS-CERS-0505M Datasheet
246Kb / 5P
   DC-DC Converter UNIT 1.5 W REGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S8W-2RP GAPTEC-1S8W-2RP Datasheet
958Kb / 3P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
1S8W-3RP GAPTEC-1S8W-3RP Datasheet
841Kb / 4P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated DC-DC Converter
logo
Microdc power Technolog...
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com