Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSBK9553S-TR1 Arkusz danych(PDF) 4 Page - LIGITEK electronics co., ltd.

Numer części LSBK9553S-TR1
Szczegółowy opis  SURFACE MOUNT LED TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSBK9553S-TR1 Arkusz danych(HTML) 4 Page - LIGITEK electronics co., ltd.

  LSBK9553S-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSBK9553S-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSBK9553S-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSBK9553S-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSBK9553S-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSBK9553S-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSBK9553S-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSBK9553S-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Emitted
LSBK9553S/TR1
InGaN/SiC
Blue
PART NO
MATERIAL
Water Clear
475
4.2
26
3.5
50
125
Spectral
halfwidth
△λnm
Lens
COLOR
Dominant
wave
length
λDnm
Forward
voltage
@20mA(V)
Max.
Typ.
Luminous
intensity
@20mA(mcd)
Min.
Typ.
120
Viewing
angle
2
θ 1/2
(deg)
Page 3/7
UNIT
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Peak Forward Current
Duty 1/10@10KHz
IFP
100
Storage Temperature
Power Dissipation
Reverse Current @5V
Electrostatic Discharge( * )
Operating Temperature
Tstg
-30 ~ +100
Ir
Topr
ESD
PD
50
-20 ~ +80
500
120
Absolute Maximum Ratings at Ta=25
Parameter
Forward Current
Symbol
IF
30
SBKS
Ratings
μA
V
mW
mA
mA
*
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
PART NO. LSBK9553S/TR1


Podobny numer części - LSBK9553S-TR1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LSBK9033-TR1 LIGITEK-LSBK9033-TR1 Datasheet
96Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSBK9033-TR2 LIGITEK-LSBK9033-TR2 Datasheet
96Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSBK9033-TR3 LIGITEK-LSBK9033-TR3 Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSBK9S53S-TR1 LIGITEK-LSBK9S53S-TR1 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results

Podobny opis - LSBK9553S-TR1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com