Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSD1805-64-XX Arkusz danych(PDF) 5 Page - LIGITEK electronics co., ltd.

Numer części LSD1805-64-XX
Szczegółowy opis  SINGLE DIGIT LED DISPLAY (1.8 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD1805-64-XX Arkusz danych(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSD1805-64-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSD1805-64-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD1805-64-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD1805-64-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD1805-64-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD1805-64-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD1805-64-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD1805-64-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
μA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
mW
Page
LSD18054-XX
LSD18064-XX
PART NO
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
λP
(nm)
common
cathode
or anode
Emitted
GaAsP/GaP Orange
Material
Common
Cathode
Common
Anode
635
CHIP
△λ
(nm)
Vf(v)
Iv(mcd)
6.3
Typ.
45
5.1
Min.
8.5
7.8
15.25
Min.
Max.
Typ.
Electrical
Reverse Current Per Any Chip
Operating Temperature
Storage Temperature
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Forward Current Per Chip
Absolute Maximum Ratings at Ta=25
Parameter
IF
30
Tstg
Topr
PD
Ir
IFP
-25 ~ +85
-25 ~ +85
10
100
120
Symbol
Ratings
E
IV-M
2:1
4/7
LSD1805/64-XX
PART NO.


Podobny numer części - LSD1805-64-XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LSD1805-64V-XX LIGITEK-LSD1805-64V-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
More results

Podobny opis - LSD1805-64-XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LSD1805-62-XX LIGITEK-LSD1805-62-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-66-XX LIGITEK-LSD1805-66-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX-PF LIGITEK-LSD1805-65-XX-PF Datasheet
149Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-67-XX LIGITEK-LSD1805-67-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-61-XX LIGITEK-LSD1805-61-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-63-XX-PF LIGITEK-LSD1805-63-XX-PF Datasheet
147Kb / 9P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-65-XX LIGITEK-LSD1805-65-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
LSD1805-64V-XX LIGITEK-LSD1805-64V-XX Datasheet
137Kb / 8P
   SINGLE DIGIT LED DISPLAY (1.8 Inch)
logo
PARA LIGHT ELECTRONICS ...
C-1801G PARALIGHT-C-1801G Datasheet
196Kb / 10P
   1.8 INCH SINGLE DIGIT DISPLAY
A-1801G PARALIGHT-A-1801G Datasheet
259Kb / 12P
   1.8 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com