Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LSD3025-6SR9UG-XX-G-PF Arkusz danych(PDF) 9 Page - LIGITEK electronics co., ltd.

Numer części LSD3025-6SR9UG-XX-G-PF
Szczegółowy opis  SINGLE DIGIT LED DISPLAY (3.0 Inch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGITEK [LIGITEK electronics co., ltd.]
Strona internetowa  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSD3025-6SR9UG-XX-G-PF Arkusz danych(HTML) 9 Page - LIGITEK electronics co., ltd.

Back Button LSD3025-6SR9UG-XX-G-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSD3025-6SR9UG-XX-G-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSD3025-6SR9UG-XX-G-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSD3025-6SR9UG-XX-G-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSD3025-6SR9UG-XX-G-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSD3025-6SR9UG-XX-G-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSD3025-6SR9UG-XX-G-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSD3025-6SR9UG-XX-G-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. LSD3025-6SR9UG-XX-G-PF Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
60 Seconds Max
25°
0
120°
Temp(
°C)
260°
50
Preheat
2
°/sec
max
100
5
°/sec
max
260
° C3sec Max
150
Time(sec)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 8/9
LSD3025/6SR9UG-XX/G-PF
PART NO.


Podobny numer części - LSD3025-6SR9UG-XX-G-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LSD3025-XX-PF LIGITEK-LSD3025-XX-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.3 Inch)
More results

Podobny opis - LSD3025-6SR9UG-XX-G-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LSD30065-XX-PF LIGITEK-LSD30065-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (3.0 Inch)
logo
China Semiconductor Cor...
CSS-3014V9 CHINASEMI-CSS-3014V9 Datasheet
177Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014E CHINASEMI-CSS-3014E Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014G CHINASEMI-CSS-3014G Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014A9 CHINASEMI-CSS-3014A9 Datasheet
181Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014M9 CHINASEMI-CSS-3014M9 Datasheet
184Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014S CHINASEMI-CSS-3014S Datasheet
182Kb / 6P
   3.0 Inch Single Digit Display
CSS-3014T9 CHINASEMI-CSS-3014T9 Datasheet
183Kb / 6P
   3.0 Inch Single Digit Display
logo
LIGITEK electronics co....
LSD3C5-64-XX-KP38-PF LIGITEK-LSD3C5-64-XX-KP38-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.31 Inch)
LSD2325-65-XX LIGITEK-LSD2325-65-XX Datasheet
91Kb / 8P
   SINGLE DIGIT LED DISPLAY (2.3 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com