Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDC4251-5 Arkusz danych(PDF) 1 Page - IDEA.lnc.

Numer części KDC4251-5
Szczegółowy opis  Water Clear LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDEA [IDEA.lnc.]
Strona internetowa  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

KDC4251-5 Arkusz danych(HTML) 1 Page - IDEA.lnc.

  KDC4251-5 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–23
K Series, Water Clear LED,
4251 K Series T 1 3/4, 5mm Round, Ultra Bright
These K series lamps are made with the brightest AlInGaP chips which can be used for super brightness at low current (2mA) or ultra
brightness at standard current (20mA). Please note the long lead is the anode.
GENERAL INFORMATION
Operating Temperature Range
-30 °C to +85 °C
Storage Temperature Range
-55 °C to +100 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
KRC4251-5
Red
632
20
120
25
200
10
5
138
1500
2460
2.0
2.4
10
KRC4251-6
Red
632
20
120
25
200
10
5
167
1810
3100
2.0
2.4
10
KYC4251-5
Yellow
591
15
120
25
200
10
5
163
1720
2790
2.0
2.4
10
KYC4251-6
Yellow
591
15
120
25
200
10
5
189
2150
3440
2.0
2.4
10
KYC4251-7
Yellow
591
15
120
25
200
10
5
-
2860
3720
2.0
2.4
10
KOC4251-5
Orange
621
18
120
25
200
10
5
186
1960
3350
2.0
2.4
10
KOC4251-6
Orange
621
18
120
25
200
10
5
216
2450
4080
2.0
2.4
10
KOC4251-7
Orange
621
18
120
25
200
10
5
-
3260
4240
2.0
2.4
10
KDC4251-5
DeepRd
650
20
120
25
200
10
5
-
1090
1480
2.0
2.4
10
KYOC4251-5 YelOrng
611
17
120
25
200
10
5
-
1840
3070
2.0
2.4
10
KYOC4251-6 YelOrng
611
17
120
25
200
10
5
-
2300
3760
2.0
2.4
10
KYOC4251-7 YelOrng
611
17
120
25
200
10
5
-
3060
3980
2.0
2.4
10
2.54
5.9±.3
5.0±.2
8.6±.3
1.0±.2
26.4 min
1.0 min


Podobny numer części - KDC4251-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IDEA.lnc.
KDC4381-5 IDEA-KDC4381-5 Datasheet
24Kb / 1P
   Small View Angle, Water Clear LED
More results

Podobny opis - KDC4251-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ningbo Foryard Optoelec...
FYL-5043LURC1E FORYARD-FYL-5043LURC1E Datasheet
271Kb / 5P
   Water clear led
FYL-5044UWC1E FORYARD-FYL-5044UWC1E_15 Datasheet
279Kb / 5P
   Water clear led
FYL-5483UBC1A FORYARD-FYL-5483UBC1A_15 Datasheet
277Kb / 5P
   Water clear led
FYL-10014UWC1A FORYARD-FYL-10014UWC1A_15 Datasheet
279Kb / 5P
   Water clear led
FYL-5012VC1C FORYARD-FYL-5012VC1C Datasheet
279Kb / 5P
   Water clear led
FYL-5013LURC1C FORYARD-FYL-5013LURC1C_15 Datasheet
271Kb / 5P
   Water clear led
FYL-5013SURC1C FORYARD-FYL-5013SURC1C_15 Datasheet
271Kb / 5P
   Water clear led
FYL-5014UWC1C-30 FORYARD-FYL-5014UWC1C-30 Datasheet
279Kb / 5P
   Water clear led
FYL-5019URPGC1C-CA FORYARD-FYL-5019URPGC1C-CA Datasheet
276Kb / 5P
   Water clear led
FYL-48D4UWC1E-UWW FORYARD-FYL-48D4UWC1E-UWW Datasheet
281Kb / 5P
   Water clear led
FYL-5014BGC1C FORYARD-FYL-5014BGC1C Datasheet
280Kb / 5P
   Water clear led
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com