Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL15316ZC-XXX Arkusz danych(PDF) 5 Page - SpectraLinear Inc

Numer części SL15316ZC-XXX
Szczegółowy opis  Programmable Spread Spectrum Clock Generator (SSCG)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRALINEAR [SpectraLinear Inc]
Strona internetowa  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL15316ZC-XXX Arkusz danych(HTML) 5 Page - SpectraLinear Inc

  SL15316ZC-XXX Datasheet HTML 1Page - SpectraLinear Inc SL15316ZC-XXX Datasheet HTML 2Page - SpectraLinear Inc SL15316ZC-XXX Datasheet HTML 3Page - SpectraLinear Inc SL15316ZC-XXX Datasheet HTML 4Page - SpectraLinear Inc SL15316ZC-XXX Datasheet HTML 5Page - SpectraLinear Inc SL15316ZC-XXX Datasheet HTML 6Page - SpectraLinear Inc SL15316ZC-XXX Datasheet HTML 7Page - SpectraLinear Inc SL15316ZC-XXX Datasheet HTML 8Page - SpectraLinear Inc SL15316ZC-XXX Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev 1.0, August 7, 2008
Page 5 of 12
SL15316
Absolute Maximum Ratings
Description
Condition
Min
Max
Unit
Supply voltage, VDD
-0.5
4.2
V
All Inputs and Outputs
-0.5
VDD+0.5
V
Ambient Operating Temperature
In operation, C-Grade
0
70
°C
Ambient Operating Temperature
In operation, I-Grade
-40
85
°C
Storage Temperature
No power is applied
-65
150
°C
Junction Temperature
In operation, power is applied
-
125
°C
Soldering Temperature
-
260
°C
ESD Rating (Human Body Model)
JEDEC C22-A114D
-4,000
4,000
V
ESD Rating (Charge Device Model)
JEDEC C22-C101C
-1,500
1,500
V
ESD Rating (Machine Model)
JEDEC C22-A115D
-200
200
V
DC Electrical Characteristics (C and I-Grades)
Unless otherwise stated VDD= 3.3V+/- 10% and CL=15pF
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.25
3.63
V
Operating Voltage
VDDO-1
VDDO≤VDD
2.25
-
VDD
V
Operating Voltage
VDDO-2
VDDO≤VDD
1.62
1.8
1.96
V
Input Low Voltage
VIL
CMOS Level, Pins programmed
as PD#, OE, SSON# or FS
0
-
0.3VDD
V
Input High Voltage
VIH
CMOS Level, Pins programmed
as PD#, OE, SSON# or FS
0.7VDD
-
VDD
V
Output High Voltage
VOH1
IOH=8mA , Pins programmed
as SSCLK or REFCLK
VDD-0.5
-
-
V
Output Low Voltage
VOL1
IOL=8mA, Pins programmed as
SSCLK or REFCLK
-
-
0.5
V
Input High Current
IIH
VIN=VDD, Pins programmed as
PD#, OE, SSON# or FS and no
pull-up/down resister used
-10
-
10
μA
Input Low Current
IIL
VIN=GND, Pins programmed as
PD#, OE, SSON# or FS and no
pull-up/down resister used
-10
-
10
μA
Pull-up or Down Resistors
RPU/D
Pins programmed as PD#, OE,
SSON# or FS
100
150
250
kΩ


Podobny numer części - SL15316ZC-XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
AMETHERM Circuit Protec...
SL1530003 AMETHERM-SL1530003 Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-A AMETHERM-SL1530003-A Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-B AMETHERM-SL1530003-B Datasheet
33Kb / 1P
   Circuit Protection Thermistors
SL1530003-L AMETHERM-SL1530003-L Datasheet
30Kb / 1P
   Circuit Protection Thermistors
More results

Podobny opis - SL15316ZC-XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SpectraLinear Inc
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com