Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL38000ZC-XXX Arkusz danych(PDF) 6 Page - SpectraLinear Inc

Numer części SL38000ZC-XXX
Szczegółowy opis  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRALINEAR [SpectraLinear Inc]
Strona internetowa  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000ZC-XXX Arkusz danych(HTML) 6 Page - SpectraLinear Inc

Back Button SL38000ZC-XXX Datasheet HTML 2Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 3Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 4Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 5Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 6Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 7Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 8Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 9Page - SpectraLinear Inc SL38000ZC-XXX Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev 1.1, August 7, 2008
Page 6 of 12
SL38000
PLL Lock Time
tPLL
Time from VDD reaching minimum
specified value to valid output
frequencies at all outputs
-
7.8
9.0
ms
PD# Power-up Time
(Crystal or Clock)
tPU2
Time from PD# rising edge to valid
frequency at outputs
-
5.0
7.0
ms
Output Enable Time
tOE
Time from OE falling edge to Hi-Z at
outputs
-
200
350
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
outputs
-
200
350
ns
Spread Percent Range
SPR-1
Center Spread
+/-0.125
-
+/-2.5
%
Spread Percent Range
SPR-2
Down Spread
-5.0
-
-0.25
%
Modulation Frequency
FMOD
Programmable, 31.5 kHz standard
26
31.5
120
kHz
DC Electrical Characteristics (C-Grade)
Unless otherwise stated VDDA=VDDX=2.5V to 3.3V+/-10%, CL=15pF and Ambient Temperature range -40 to +85 Deg C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.97
3.3
3.63
V
Input Low Voltage
VIL
CMOS Level, Pins programmed as
PD#, OE, SSON# or FS
0
-
0.3VDD
V
Input High Voltage
VIH
CMOS Level, Pins programmed as
PD#, OE, SSON# or FS
0.7VDD
-
VDD
V
Output High Voltage
VOH1
IOH=-6mA , Pins programmed as
CLKOUT/REFOUT
VDDO-
0.5
-
-
V
Output Low Voltage
VOL1
IOL=6mA , Pins programmed as
CLKOUT/REFOUT
-
-
0.5
V
Output High Voltage
VOH2
IOH=-4mA , Pins programmed as
CLKOUT/REFOUT
VDDO-
0.4
-
-
V
Output Low Voltage
VOL2
IOL=4mA , Pins programmed as
CLKOUT/REFOUT
-
-
0.4
V
Input High Current
IIH
VIN=VDD, Input Pins are
programmed as PD#, OE, SSON#
or FS, and no pull-up/down resister
used
-15
-
15
μA
Input Low Current
IIL
VIN=GND, Input Pins are
programmed as PD#, OE, SSON#
or FS, and no pull-up/down resister
used
-15
-
15
μA
Pull-up or Down
Resistors
RPU/D
If Programmed at pins PD#, OE,
SSON#, FS and CLKOUT
100
175
250
kΩ
Operating Supply
Current
IDD1
FIN=27MHz and all 7 clocks are
at 33MHz and CL=0
-
20
TBD
mA
Operating Supply
Current
IDD2
FIN=27MHz and all 9 clocks are
at 66MHz and CL=0
-
28
TBD
mA
Standby Current
ISBC
PD#=GND
-
140
200
μA


Podobny numer części - SL38000ZC-XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL38000ZC-15AH SILABS-SL38000ZC-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZC-15AHT SILABS-SL38000ZC-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Podobny opis - SL38000ZC-XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com