Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL38000ZC-XXXT Arkusz danych(PDF) 1 Page - SpectraLinear Inc

Numer części SL38000ZC-XXXT
Szczegółowy opis  Programmable 4-PLL CG with VCXO and SSCG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPECTRALINEAR [SpectraLinear Inc]
Strona internetowa  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL38000ZC-XXXT Arkusz danych(HTML) 1 Page - SpectraLinear Inc

  SL38000ZC-XXXT Datasheet HTML 1Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 2Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 3Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 4Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 5Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 6Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 7Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 8Page - SpectraLinear Inc SL38000ZC-XXXT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.1, August 7, 2008
Page 1 of 12
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL38000
Programmable 4-PLL CG with VCXO and SSCG
Key Features
• 4 Programmable PLLs with up to 9 Clock Outputs
and 2 REFCLKs
• Wide 2.5V to 3.3V +/-10% power supply range
• CLKOUTs support 3.3V to 2.5V or 1.8V +/-10%
• Low power dissipation and low jitter
• Programmable VCXO and SSCG options
• EEPROM or I2C Programmability
• Programmable Center or Down Spread Modulation
from 0.25 to 5.0%
• 8 to 48 MHz external crystal range
• 8 to 166 MHz external clock input range
• Programmable 1 to 200 MHz clock output range
• Integrated internal voltage regulator
• Programmable PD#/OE/SSON#/FS functions
• Programmable CL at XIN and XOUT pins
• Programmable output rise and fall times
• 28-pin TSSOP package with commercial and
industrial temperature ranges
Applications
• Printers, MFPs, Digital Copiers
• DTV, HDTV, DVD-R/W and STB
• General Purpose Frequency Synthesising
Description
The SL38000 a fully integrated 4 PLL programmable low
power Clock Generator with SSCG and VCXO functions
used for reducing Electromagnetic Interference (EMI) and
general purpose frequency synthesizing. The product is
designed using SpectraLinear proprietary programmable
EProClock™ phase-locked loop (PLL) and Spread
Spectrum Clock (SSC) technology to synthesize and
modulate the input clock. The modulated clock can
significantly reduce the measured EMI levels, and leading
to the compliance with regulatory agency requirements.
Up to 9 output clock frequencies and 2 REFOUT clocks,
Spread %, output rise and fall times for each clock outputs,
crystal load, modulation frequency and PD#/OE/SSON#/FS
functions can be programmed to meet the needs of wide
range of applications. The SL38000 operates from 2.5V to
3.3V power supply voltage range. The output clocks
(CLKOUTs) can support 3.3 to 2.5V or 1.8V +/-10%. The
product is offered in 28-pin TSSOP package with
commercial and industrial grades.
Benefits
• Peak EMI reduction of 8 to 16 dB
• Fast time-to-market
• Cost Reduction
• Reduction of PCB layers
• Eleminates the need for XOs and VCXOs
Block Diagram
PLL-1
PLL-2
SS-PLL-3
SS-PLL-4
Input Mux
and Control
Logic
Output
Drivers with
Multi
Function I/O
and
Output
Drivers Drive
Strength
Control
XTAL
OSCILLATOR
(XO or VXCO)
SS Logic
Control
Mux and Div
Control
MEMORY
Configuration
Configuration
Logic
I2C Interface
Input Logic
XIN/CLKIN
XOUT
5
CLKOUT-1 or MF-1
CLKOUT-2 or MF-2
CLKOUT-3 or MF-3
CLKOUT-4 or MF-4
CLKOUT-5 or MF-5
CLKOUT-6 or MF-6
CLKOUT-7 or MF-7
REFOUT-1 or MF-9
REFOUT-2 or MF-13
MF-8 or MF13
CLKOUT-8, SDATA or
MF-10
CLKOUT-9, SCLK or
MF-11
VSSO
VDDO
Voltage
Regulator-1
VDDA
VSSA
To PLLs
Voltage
Regulator-2
VDDX
VSSX
To XO
and Core
VIN
(Optional)


Podobny numer części - SL38000ZC-XXXT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL38000ZC-15AH SILABS-SL38000ZC-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
SL38000ZC-15AHT SILABS-SL38000ZC-15AHT Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results

Podobny opis - SL38000ZC-XXXT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL38000 SILABS-SL38000 Datasheet
208Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
SL38160-17AH SILABS-SL38160-17AH Datasheet
386Kb / 16P
   Programmable Audio/Video CG with VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
CDCE949 TI-CDCE949 Datasheet
488Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com