Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4737 Arkusz danych(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Numer części 1N4737
Szczegółowy opis  1W SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Strona internetowa  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

1N4737 Arkusz danych(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  1N4737 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 1N4737 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd 1N4737 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1W SILICON PLANAR ZENER DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES) (T =25 C)
A
ELECTRICAL CHARACTERISTICS (T =25 C)
A
Case
Weight
:
:
DO-41 glass case
Approx. 0.35 gram
Silicon planar power zener diodes
For use in stabilizing and clipping circuits with high power rating.
Standards Zener voltage tolerance is 10%.
Add suffix "A" for 5% tolerance Other tolerance available upon
request
Zener current see table "Characteristics"
Thermal resistance junction to ambient air
Ptot
RthA
VF
mW
TSTG
Power dissipation at T =25 C
A
Junction temperature
Storage temperature range
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
1) Valid provided that a distance of 8mm from case are kept at ambient temperature
-65 to+175
C
C
C
/W
V
TJ
175
1
170
1.2
1)
1)
DO-41(GLASS)
Dimensions in inches and (millimeters)
0.161(4.1)
MAX
1.102(28)
MIN
1.102(28)
MIN
0.102(2.6)
MAX
DIA
0.034(0.86)
MAX
DIA
Forward voltage at I =200mA
F
R
SE MIC ON DUC TOR


Podobny numer części - 1N4737

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Electronics ...
1N4737 CHENDA-1N4737 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Surge Components
1N4737 SURGE-1N4737 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Silicon Standard Corp.
1N4737 SSC-1N4737 Datasheet
173Kb / 3P
   Zener Diodes
logo
Nanjing International G...
1N4737 DGNJDZ-1N4737 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Bytesonic Electronics C...
1N4737 BYTESONIC-1N4737 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
More results

Podobny opis - 1N4737

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
BZV85-C2V7 JINGHENG-BZV85-C2V7 Datasheet
74Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Guangdong Juxing Electr...
SMA4728A JUXING-SMA4728A Datasheet
2Mb / 3P
   1W Silicon Planar Zener Diodes
1SMAF4728A JUXING-1SMAF4728A Datasheet
572Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jing Heng Electro...
SMA4728 JINGHENG-SMA4728 Datasheet
74Kb / 2P
   1W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N4728A DAESAN-1N4728A Datasheet
314Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Tiger Electronic Co.,Lt...
1N4749 TGS-1N4749 Datasheet
308Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
1N4727 JINGHENG-1N4727 Datasheet
125Kb / 4P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1N4727 ZSELEC-1N4727 Datasheet
202Kb / 4P
   1W Silicon Planar Power Zener Diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com