Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q13.0-JXS42-12-30 Arkusz danych(PDF) 1 Page - Jauch Quartz Gmbh

Numer części Q13.0-JXS42-12-30
Szczegółowy opis  SMD Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JAUCH [Jauch Quartz Gmbh]
Strona internetowa  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q13.0-JXS42-12-30 Arkusz danych(HTML) 1 Page - Jauch Quartz Gmbh

  Q13.0-JXS42-12-30 Datasheet HTML 1Page - Jauch Quartz Gmbh Q13.0-JXS42-12-30 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
SMD Quartz Crystal · JXS42
actual size
General Data
Frequency Stability vs. Temperature
ESR (series resistance Rs)
JXS42
12.0 ~ 12.99 MHz
(others on request)
± 10 ppm /± 30 ppm
12 pF standard
(option: 8 pF ~ 30 pF / series)
< 5 pF
-40 °C ~ +90 °C
100 µW
< ± 3 ppm first year
Marking
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
frequency with load capacitance code
company code / date code / internal code
date code:
year/month
example:
6A = 2006 January
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in
Ω
in
Ω
12.0 ~ 12.999
fund. - AT
100
45
13.0 ~ 18.999
fund. - AT
80
40
19.0 ~ 24.999
fund. - AT
60
25
25.0 ~ 29.999
fund. - AT
50
25
30.0 ~ 39.999
fund. - AT
50
20
40.00 ~ 50.00
fund. - AT
40
20
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
standard
O
available
± 10 ppm
± 15 ppm
± 20 ppm
± 30 ppm
± 50 ppm
OO
O
O
OO
O
#4
#3
#1
#2
#1
#2
#3
#4
4.0
2.0±0.1
±0.1
1.4±0.1
#2
#1
#3
#4
3.0±0.1
Dimensions
in mm
top view
side view
bottom view
crystal connection
pad layout
#2 - #4: connected to lid
blank=-20 °C ~ +70 °C
T1= -40 °C ~ +85 °C
FU= for fundamental frequencies
≥ 20 MHz
Order Information
Example: Q 12.0-JXS42-12-30/30
(Suffix LF = RoHS compliant / Pb free pins or pads)
Q
frequency
type
load capacitance
Quartz
12.0 ~ 12.999 MHz
JXS42
12 pF standard
8 pF ~ 30 pF
S for series
10 = ± 10 ppm
30 = ± 30 ppm
see table
option
stability at
25 °C
stability vs.
temp. range
± 10 ppm type available
ceramic / metal package
wave soldering temperature: 260 °C max.
4 Pad Version
· 4.0 x 2.5 mm
220908


Podobny numer części - Q13.0-JXS42-12-30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jauch Quartz Gmbh
Q13.0-JXS32-12-10 JAUCH-Q13.0-JXS32-12-10 Datasheet
147Kb / 2P
   SMD Quartz Crystal
Q13.0-JXS32-12-30 JAUCH-Q13.0-JXS32-12-30 Datasheet
147Kb / 2P
   SMD Quartz Crystal
More results

Podobny opis - Q13.0-JXS42-12-30

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com