Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES2A Arkusz danych(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Numer części ES2A
Szczegółowy opis  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Strona internetowa  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ES2A Arkusz danych(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  ES2A Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ES2A Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ES2ATHRU ES2G
0.01
0.1
1.0
100
10
0.01
0.1
20
10
30
60
50
40
 10
 100
20
40
60
80
100
120
140
50
10
100
0.2
0.4
0.6
0.8
1.0
1.4
1.2
25
50
75
100
125
150
175
2.0
1.0
0.5
1.5
3.0
2.5
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
SET TIME BASE FOR 5/10 ns/cm
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE ( C)
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25 C
TJ=100 C
0.1
0.5
10
50
20
1cm
-0.25A
+0.5A
-1.0A
100
500
1000
200
25
75
100
175
150
50
125
FIG.6-TYPICAL JUNCTION CAPACITANCE
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
TJ=25 C
Single Phase Half Wave 60hz
Resistive or Inductive Load
0.375"(9.5mm) Lead Length
SF201-SF205
SF206
PULSE
GENERATOR
(NOTE2)
NON INDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NON INDUCTIVE
NON IN-
DUCTIVE
50
50Vdc
(APPROX)
10
1
(-)
(+)
Trr
SF201-SF205
SF206
TA=25 C
TA=25 C
Pulse Width=300 s
1% Duty Cycle
NOTES:1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance
=50 ohms
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA   TEL:86-531-6943657  FAX:86-531-6947096  
WWW.JIFUSEMICON.COM
8-15


Podobny numer części - ES2A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Formosa MS
ES2A FORMOSA-ES2A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A Datasheet
56Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
SAMYANG ELECTRONICS CO....
ES2A SAMYANG-ES2A Datasheet
1Mb / 2P
   SUPER FAST RECTIFIERS
More results

Podobny opis - ES2A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com