Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Q20.0-JO22H-D-1.8-1 Arkusz danych(PDF) 1 Page - Jauch Quartz Gmbh

Numer części Q20.0-JO22H-D-1.8-1
Szczegółowy opis  High Stability Oscillator with Stop Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JAUCH [Jauch Quartz Gmbh]
Strona internetowa  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q20.0-JO22H-D-1.8-1 Arkusz danych(HTML) 1 Page - Jauch Quartz Gmbh

  Q20.0-JO22H-D-1.8-1 Datasheet HTML 1Page - Jauch Quartz Gmbh Q20.0-JO22H-D-1.8-1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · JO22H · 1.8 V
actual size
low cost high stability SMD oscillator
stability meets spec for WiMax and WLAN
RoHS compliant, ceramic/metal package
reflow soldering temperature: 260 °C max.
High Stability Oscillator with Stop Function · 2.5 x 2.0 mm
General Data
type
frequency range
frequency stability over all*
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
standby current max.
phase jitter 12kHz~20MHz
symmetry at 0.5 x VDC
JO22H 1.8V
4.0 ~ 54.0 MHz (15pF max.)
± 10ppm ~ ± 20ppm (table 1)
3 mA max.
1.8 V ±5%
-20°C ~ +70°C / -40°C ~ +85°C
-40°C ~ +85°C
5 nsec max.
15pF
4 mA
0.1 x VDC
0.9 x VDC
10 ms
250ns
10 ms
stop
10 µA
< 3.0 ps RMS typ.
45% ~ 55% max.
Table 1: Frequency Stability Code
stability code
DE
F
± 20 ppm
± 15 ppm
± 10 ppm
-20 °C ~ +70 °C
O
O
O
-40 °C ~ +85 °C
OOO
O available
* includes stability at 25°C, operating temp. range, supply voltage change, load change, vibration, aging 1st year
Enable / Disable Function
pin #1 (e/d control)
pin #3 (output)
open
active
high ”1” (VIH ≥ 0.7 VDC)
active
low ”0” (VIL ≤ 0.3 VDC)
high impedance
stop function: • oscillator stops / • output high impedance
blank = -20°C ~ +70°C
T1 = -40°C ~ +85°C
Order Information
Example: O 20.0-JO22H-F-1.8-1-T1
(LF = RoHS compliant / Pb free pins or pads)
O
frequency
type
frequency stability
code
Oscillator
4.0 ~ 54.0 MHz
JO22H
see table 1
1.8 = 1.8 V
1 = 15 pF
option
supply voltage
code
output load
code
Table 2: Rise & Fall Time max.
5 ns: 4.0 ~ 54.0 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
070509
#1
#2
#3
#4
2.5±0.1
0.95±0.05
0.90±0.1
1.85±0.1
#2
#1
#4
#3
0.78±0.05
0.4
Dimensions
in mm
top view
side view
bottom view
pad layout
pin connection
# 1: e/d
# 2: ground
# 3: output
# 4: VDC


Podobny numer części - Q20.0-JO22H-D-1.8-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jauch Quartz Gmbh
Q20.0-MQ1-10-10 JAUCH-Q20.0-MQ1-10-10 Datasheet
96Kb / 2P
   Quartz Crystal
Q20.0-MQ1-10-100 JAUCH-Q20.0-MQ1-10-100 Datasheet
96Kb / 2P
   Quartz Crystal
Q20.0-MQ1-10-3 JAUCH-Q20.0-MQ1-10-3 Datasheet
96Kb / 2P
   Quartz Crystal
Q20.0-MQ1-10-30 JAUCH-Q20.0-MQ1-10-30 Datasheet
96Kb / 2P
   Quartz Crystal
Q20.0-MQ1-10-5 JAUCH-Q20.0-MQ1-10-5 Datasheet
96Kb / 2P
   Quartz Crystal
More results

Podobny opis - Q20.0-JO22H-D-1.8-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H JAUCH-JO32H Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO32H-2.5V JAUCH-JO32H-2.5V Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO75H-5.0V JAUCH-JO75H-5.0V Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
JO75H-3.3V JAUCH-JO75H-3.3V Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
JO53H-3.3V JAUCH-JO53H-3.3V Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO32-2.8V JAUCH-JO32-2.8V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
VX3-2.5V JAUCH-VX3-2.5V Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com