Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST20P18 Arkusz danych(PDF) 9 Page - Sitronix Technology Co., Ltd.

Numer części ST20P18
Szczegółowy opis  16K 8-bit Single Chip Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITRONIX [Sitronix Technology Co., Ltd.]
Strona internetowa  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST20P18 Arkusz danych(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST20P18 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST20P18 Datasheet HTML 12Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ST20P18
Ver 1.4
9/12
6/13/07
VDD
: 3V
Clock
: 32768Hz crystal and 4.0MHz RC oscillator
LCD
: 1/8 duty
I/O
: PORT A
ALARM
: PSGO, PSGOB
FIGURE 8-2: APPLICATION CIRCUIT WITH LCD KEYBOARD AWAKING PULSE
Note:
1. COMs and SEGs output GND level, while the LCD is turned off.
2. If LCD is turned off, Keyboard Awaking Pulses must be turned off at the
same time.
3.
Connect one capacitor of 100PF to OSCI stabilize oscillation frequency.
This capacitor must be placed close to OSCI.


Podobny numer części - ST20P18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sitronix Technology Co....
ST20P16 SITRONIX-ST20P16 Datasheet
301Kb / 10P
   16K 8-bit Single Chip Microcontroller
More results

Podobny opis - ST20P18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sitronix Technology Co....
ST20P16 SITRONIX-ST20P16 Datasheet
301Kb / 10P
   16K 8-bit Single Chip Microcontroller
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com