Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST8016S Arkusz danych(PDF) 2 Page - Sitronix Technology Co., Ltd.

Numer części ST8016S
Szczegółowy opis  COM/SEG LCD Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITRONIX [Sitronix Technology Co., Ltd.]
Strona internetowa  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016S Arkusz danych(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST8016S Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ST8016S
Preliminary
Ver 0.24
Page 2/26
2009/10/01
1.
FEATURES
Number of LCD drive outputs: 160
Supply voltage for LCD drive: +15.0 to +30.0 V
Supply voltage for the logic system: +2.5 to +5.5 V
Low power consumption
Low output impedance
(Segment mode)
Shift clock frequency
- 20 MHz (MAX.): VDD = +5.0 ± 0.5 V
- 15 MHz (MAX.): VDD = +3.0 to + 4.5 V
- 12 MHz (MAX.): VDD = +2.5 to + 3.0 V
Adopts a data bus system
4-bit/8-bit parallel input modes are
selectable with a mode (MD) pin
Automatic transfer function of an
enable signal
Automatic counting function which, in
the chip selection mode, causes the
internal clock to be stopped by
automatically counting 160 bits of
input data
Line latch circuits are reset when
/DISPOFF active
(Common mode)
Shift clock frequency: 4 MHz (MAX.)
Built-in 160-bit bi-directional shift
register (divisible into 80 bits x 2)
Available in a single mode (160-bit
shift register) or in a dual mode
(80-bit shift register x 2)
Y1->Y160 Single mode
Y160->Y1 Single mode
Y1->Y80, Y81->Y160 Dual mode
Y160->Y81, Y80->Y1 Dual mode
The above 4 shift directions are
pin-selectable
Shift register circuits are reset when
/DISPOFF active
2.
DESCRIPTION
The ST8016S is a 160-output segment/common driver IC suitable for driving large/medium scale
dot matrix LCD panels, and is used in personal computers/work stations. The ST8016S is good
both as a segment driver and a common driver, and it can create a low power consuming,
high-resolution LCD.


Podobny numer części - ST8016S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
More results

Podobny opis - ST8016S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sitronix Technology Co....
ST8024 SITRONIX-ST8024 Datasheet
411Kb / 28P
   COM/SEG LCD Driver
ST8024T SITRONIX-ST8024T Datasheet
653Kb / 28P
   COM/SEG LCD Driver
ST8016T SITRONIX-ST8016T Datasheet
940Kb / 29P
   COM/SEG LCD Driver
ST8024S SITRONIX-ST8024S Datasheet
466Kb / 27P
   COM/SEG LCD Driver
logo
ELAN Microelectronics C...
EM65168 EMC-EM65168 Datasheet
192Kb / 30P
   80 COM/SEG LCD DRIVER
logo
List of Unclassifed Man...
SPLC100A1 ETC-SPLC100A1 Datasheet
161Kb / 15P
   40-CHANNEL SEG/COM LCD DRIVER
logo
Finechips
FD1000A FINECHIPS-FD1000A Datasheet
374Kb / 20P
   3-COM 52-SEG, 4-COM 51-SEG LCD Display Driver
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
EPL43102 EMC-EPL43102 Datasheet
526Kb / 64P
   43 Com / 102 Seg LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com