Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBA3216GA301N4 Arkusz danych(PDF) 5 Page - SAMWHA ELECTRIC

Numer części CBA3216GA301N4
Szczegółowy opis  BEADS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMWHA [SAMWHA ELECTRIC]
Strona internetowa  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CBA3216GA301N4 Arkusz danych(HTML) 5 Page - SAMWHA ELECTRIC

  CBA3216GA301N4 Datasheet HTML 1Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 2Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 3Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 4Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 5Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 6Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 7Page - SAMWHA ELECTRIC CBA3216GA301N4 Datasheet HTML 8Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAMWHA ELECTRONICS CO., LTD
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
ITEM
4 ARRAY
0.4
0.8
B (mm)
3.0
0.8
W (kgf)
C (mm)
A (mm)
No mechanical damage
Flexure strength
1. No mechanical damage
2. Impedance shall not change more than ±30 %
Temperature : 40
± 2 ℃
Humidity : 90
± 2 % RH
Applied current : rated current
Time : 500
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Humidity load
resistance
Temperature : -55
± 3 ℃
Time : 1000
± 12 hours
Measurement at room ambient
temperature after placing for 24 hours
Low temperature
resistance
1. -55
± 3℃ for 30 minutes
2.125
± 3 ℃ for 30 minutes
3. repeat 100 cycle
Thermal shock
The terminal electrode shall be neither break off
nor the chip damage
Drop 10 times on a concrete floor
from a height of 100 cm
Drop
Bending strength
Frequency : 10 ~ 55 Hz
Amplitude : 1.5 mm
Direction : X, Y, Z
Sweep time : 2 hours for each axis
Vibration
Test Conditions
Requirements
Item
20
50
R340
W
2 mm
Resistance meter
Reliability & Test Condition
DPS-081104
CHIP BEADS ARRAY
W
R0.5
A
D
B C
Land pattern


Podobny numer części - CBA3216GA301N4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
CBA3750BKAHS VISHAY-CBA3750BKAHS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAHW VISHAY-CBA3750BKAHW Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAKS VISHAY-CBA3750BKAKS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKAKW VISHAY-CBA3750BKAKW Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBA3750BKGHS VISHAY-CBA3750BKGHS Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
More results

Podobny opis - CBA3216GA301N4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Technologies
CTCBA1206F CT-CTCBA1206F Datasheet
227Kb / 2P
   Chip Array Ferrite Beads
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
   Chip Array Ferrite Beads
Revision: 17-Aug-17
ILAS1206ER102V VISHAY-ILAS1206ER102V Datasheet
118Kb / 3P
   Chip Array Ferrite Beads
Revision: 16-Jan-06
ILAS-1206 VISHAY-ILAS-1206_V01 Datasheet
117Kb / 3P
   Chip Array Ferrite Beads
01-Jan-2022
logo
Sumida Corporation
SHB-4-2010 SUMIDA-SHB-4-2010 Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4-3216 SUMIDA-SHB-4-3216 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads Array
logo
Superworld Electronics
A4K_SERIES SUPERWORLD-A4K_SERIES Datasheet
240Kb / 7P
   FERRITE CHIP BEADS 4 LINE ARRAY
A4K300-RE-10 SUPERWORLD-A4K300-RE-10 Datasheet
414Kb / 9P
   FERRITE CHIP BEADS 4 LINE ARRAY
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
logo
TDK Electronics
MZA2010 TDK-MZA2010 Datasheet
76Kb / 3P
   EMC Components Ferrite Beads SMD Array
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com