Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB2012PM121 Arkusz danych(PDF) 4 Page - SAMWHA ELECTRIC

Numer części CB2012PM121
Szczegółowy opis  BEADS, For Power Line
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMWHA [SAMWHA ELECTRIC]
Strona internetowa  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB2012PM121 Arkusz danych(HTML) 4 Page - SAMWHA ELECTRIC

  CB2012PM121 Datasheet HTML 1Page - SAMWHA ELECTRIC CB2012PM121 Datasheet HTML 2Page - SAMWHA ELECTRIC CB2012PM121 Datasheet HTML 3Page - SAMWHA ELECTRIC CB2012PM121 Datasheet HTML 4Page - SAMWHA ELECTRIC CB2012PM121 Datasheet HTML 5Page - SAMWHA ELECTRIC CB2012PM121 Datasheet HTML 6Page - SAMWHA ELECTRIC CB2012PM121 Datasheet HTML 7Page - SAMWHA ELECTRIC CB2012PM121 Datasheet HTML 8Page - SAMWHA ELECTRIC CB2012PM121 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
v 2012 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
1500
0.150
800
CB2012PJ801
100
1500
0.100
600
CB2012PJ601
2500
0.050
120
CB2012PM121
70
500
0.300
2000
CB2012PK202
2500
0.050
120
CB2012PK121
2000
0.070
300
CB2012PM301
1500
0.130
600
CB2012PM601
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
2000
0.080
15
CB2012PK150
3000
0.015
30
CB2012PK300
3000
0.025
60
CB2012PK600
2000
0.050
180
CB2012PK181
3000
0.020
60
CB2012PM600
1000
0.250
1000
CB2012PK102
1500
0.130
600
CB2012PK601
2000
0.070
300
CB2012PK301
2000
0.050
220
CB2012PK221
2000
0.050
220
CB2012PM221
1500
0.130
600
CB2012PA601
2000
0.100
300
CB2012PA301
2000
0.050
220
CB2012PA221
2500
0.050
120
CB2012PA121
3000
0.025
60
CB2012PA600
3000
0.015
30
CB2012PA300
100
3000
0.007
11
CB2012PA110
DPS-081104
CHIP BEADS, For Power Line


Podobny numer części - CB2012PM121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eaton All Rights Reserv...
CB20120207A7 EATON-CB20120207A7 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207A9 EATON-CB20120207A9 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207AB EATON-CB20120207AB Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207B7 EATON-CB20120207B7 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
CB20120207B9 EATON-CB20120207B9 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
More results

Podobny opis - CB2012PM121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com