Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA2633Z5U104J500R Arkusz danych(PDF) 3 Page - SAMWHA ELECTRIC

Numer części CA2633Z5U104J500R
Szczegółowy opis  Radial & Axial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMWHA [SAMWHA ELECTRIC]
Strona internetowa  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CA2633Z5U104J500R Arkusz danych(HTML) 3 Page - SAMWHA ELECTRIC

  CA2633Z5U104J500R Datasheet HTML 1Page - SAMWHA ELECTRIC CA2633Z5U104J500R Datasheet HTML 2Page - SAMWHA ELECTRIC CA2633Z5U104J500R Datasheet HTML 3Page - SAMWHA ELECTRIC CA2633Z5U104J500R Datasheet HTML 4Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Multi Layer Ceramic Capacitors
29
SAMWHA CAPACITOR Co., Ltd.
28
Radial & Axial
7.
Appearance
No marked defect
Capacitance
Within ±2.5% or ±0.25pF X7R
: ≤± 7.5%
Change
(whichever is larger)
Z5U, Y5V : ≤± 20%
Dissipation
Factor(or Q)
I.R.
More than 10,000
MΩ or 500Ω.F (whichever & smaller)
8.
Temperature Appearance
No marking defects
Cycle
Capacitance
Within±2.5% or ±0.25pF X7R
: Within + 7.5%
Change
Z5U, Y5V : Within ± 20%
Dissipation
Factor(or Q)
I.R.
More than 10,000
MΩ or 500Ω.F (Whichever is smaller)
9.
Humidity
Appearance
No marking defects
Load
Capacitance
Within ±7.5% or±0.75㎊ X7R : Within ±12.5%
Change
(whichever is larger)
Z5U : Within ±30%
Y5V : Within + 30%, -40%
(Y5V/1.0μF, 2.2μF, 4.7μF/10V)
Within ±30% (others)
Dissipation
Factor(or Q)
I.R.
More than 500
MΩ or 25Ω.F(whichever is smaller)
10.
Appearance
No marked defect
Capacitance
Within ±3% or±0.3㎊
X7R : Within ±12.5% , Z5U : Within ±30%
change
(whichever is larger)
Y5V : Within ±30%(Cap. < 1.0μF)
Within +30% , -40%(Cap. ≥ 1.0μF)
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
Char. 50V Min.
25V
16V
10V
X7R ≤ 2.5%
≤3%
≤3.5% ≤5.0%
Z5U
≤4.0%
--
-
≤5%
≤9%
Y5V
(<220㎋)
≤7%
(<220㎋)
≤12.5%
≤7%
≤12.5%
(≥220㎋)(≥220㎋)
Char. 50V Min.
25V
16V
10V
X7R ≤ 2.5%
≤3%
≤3.5% ≤5.0%
Z5U
≤4.0%
--
-
≤5%
≤9%
Y5V
(<220㎋)
≤7%
(<220㎋)
≤12.5%
≤7%
≤12.5%
(≥220㎋)(≥220㎋)
Char. 50V Min.
25V
16V
10V
X7R
≤5%
≤5%
≤5%
≤5%
Z5U
≤4.0%
--
-
≤10%
Y5V
≤7.5%
(<1 ㎌)
≤12.5% ≤15%
≤12.5%
(≥1 ㎌)
30㎊ Min. :
Q≥1,000 (DF≤0.1%)
30㎊ Max. :
Q≥400+20C
(DF≤1/(400+20C))
30㎊ Min. :
Q≥1,000 (DF≤0.1%)
30㎊ Max. :
Q≥400+20C
(DF≤1/(400+20C))
30㎊ Min. :
Q≥200 (DF≤0.5%)
30㎊ Max. :
Q≥100+10/3C
(DF≤1/(100+10/3C))
- Soldering Temp : 260±5℃
- Immersion Time : 5±0.5sec
- Take it out and set it for 24±2
hours(temperature compensating
type)or 48±4hours(high dielectric
constant type) then measure.
Take it out and set it for 24±2 hours
[tempeature compensating or 48±4
hours(high dielectric Type) at room
temperature, than measure.
- Temperature : 40±2℃
- Humidity : 90~95%RH
- Hour : 500±12hrs
- Test Voltage : Tge rated voltage
- Take it out and set it for 24±2 hours
(temperature compensatig) or 48±4
hours(high dielectric constant type)
at room temperature, then measure.
The charge/discharge current is less
than 50mA.
Step
1
2
3
4
Min.
Max.
Temp. Operating Room Operating Room
(℃)
Temp.
Temp.
Temp.
Temp.
+0, -3
+3, -0
Time
30±3
2 to 3
30±3
2 to 3
(min)
Resistance
to
Soldering
Heat
High
Temperature
Load
- Testing Time : 1000±12hrs
- Applied Voltage : Rated Voltage×200%
- Temperature :
C0G, X7R → 125±3℃
Z5U, Y5V → 85±3℃
10
Dissipation
Factor(or Q)
I.R.
More than 1000
MΩ or 50ΩF(Whichever is smaller)
11
Capacitance Capacitance
Temperature Change
Characteristics
12 The regulation of
environmental
pollution materials
13 The regulation about
destructive materials
of the ozone layer
No.
Item
Characteristic
Temperature
Compensating Type
High Dielectric Constant Type
Test Methods
and Conditions
30㎊ Min. :
Q≥350 (DF≤0.3%)
10㎊≤Cp≤30㎊:
Q≥275+5/2C
(DF≤1/(275+5/2C))
10㎊ Max. :
Q≥200+10C
(DF≤1/(200+10C))
Take it out and set it for 24±2 hours
(temperature compensatig) or 48±4
hours(high dielectric constant type)
at room temperature, then measure.
The charge/discharge current is less
than 50mA.
(1) Temperature Compensating Type :
The temperature coefficient is
determined using the capacitance
measured in step 3 as a reference.
When cycling the temperature
sequentially from step 1 through 5.
(SL: +25 to 85℃) the capacitance shall
be with in the specified tolerance for
the temperature coefficient.
The capacitance drift is calculated
dividing the difference between the
maximum measured values in the
step 1, 3 and 5 by Cap, value in step 3.
Char.
Temp.
Reference
Cap.
Range
Temp.
Change
X7R
-55 to
Within
+125℃
±15%
Z5U
-10 to
Within
+85℃
+22%
-56%
Y5V
-30 to
Within
+85℃
+22%
-82%
Step
Temperature()
125±2
2-55±3
325±2
4
125±3(for C0G)
525±2
(2) High Dielectric Constant Type :
The ranges of capacitance
change compared with the 25℃
value over the temperature
range shown in the table shall
be in the specified range.
Temperature
Coefficient
Char.
Temp.
Temperature
Range
Coefficient
C0G
-55 to
±30ppm/℃
+125℃
※Never use materials mentioned below in leaded MLCC products regulated this document.
Pb, Cd, Hg, Cr+6, PBB(polybromida biphenyl), PBDE(polybrominated diphenyl ethers), asbestos.
Never use the ODS(ozone depleting substance) materials below in leaded MLCC products
regulated this document.
High
Temperature
Load
Char. 50V Min.
25V
16V
10V
X7R
≤5%
≤5%
≤5%
≤5%
Z5U
≤4.0%
--
-
≤10%
Y5V
≤7.5%
(<1㎌)
≤12.5% ≤15%
≤7%
(≥1㎌)
25℃
Packing Quantity
Radial Type
Axial Type
Inner Box
Outer Box
Remark
Inner Box
Outer Box
Remark
2,500
15,000
Packing set on the basis of flat tapping
5,000
50,000
Packing set on the basis of flat tapping
Unit : pcs


Podobny numer części - CA2633Z5U104J500R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
CA26 MACOM-CA26 Datasheet
367Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
CA26 MA-COM-CA26 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
CA26 MA-COM-CA26 Datasheet
648Kb / 3P
   Cascadable Amplifier
logo
List of Unclassifed Man...
CA2644Z5U104MR500 ETC-CA2644Z5U104MR500 Datasheet
3Mb / 7P
   Typical Performance Characteristics
More results

Podobny opis - CA2633Z5U104J500R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
logo
jb Capacitors Company
JFR JBCAPACITORS-JFR_15 Datasheet
211Kb / 1P
   Radial & Axial Polystyrene Film Capacitor
logo
Littelfuse
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
   Axial and Radial Lead Fuses
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
   Axial and Radial Lead Fuses
logo
Kemet Corporation
C052C109M1G5TA KEMET-C052C109M1G5TA Datasheet
140Kb / 10P
   CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com