Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1005X7R104C6R3NBB Arkusz danych(PDF) 5 Page - SAMWHA ELECTRIC

Numer części CS1005X7R104C6R3NBB
Szczegółowy opis  Multi Layer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMWHA [SAMWHA ELECTRIC]
Strona internetowa  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CS1005X7R104C6R3NBB Arkusz danych(HTML) 5 Page - SAMWHA ELECTRIC

  CS1005X7R104C6R3NBB Datasheet HTML 1Page - SAMWHA ELECTRIC CS1005X7R104C6R3NBB Datasheet HTML 2Page - SAMWHA ELECTRIC CS1005X7R104C6R3NBB Datasheet HTML 3Page - SAMWHA ELECTRIC CS1005X7R104C6R3NBB Datasheet HTML 4Page - SAMWHA ELECTRIC CS1005X7R104C6R3NBB Datasheet HTML 5Page - SAMWHA ELECTRIC CS1005X7R104C6R3NBB Datasheet HTML 6Page - SAMWHA ELECTRIC CS1005X7R104C6R3NBB Datasheet HTML 7Page - SAMWHA ELECTRIC CS1005X7R104C6R3NBB Datasheet HTML 8Page - SAMWHA ELECTRIC CS1005X7R104C6R3NBB Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Multi Layer Ceramic Capacitors
13
SAMWHA CAPACITOR Co., Ltd.
12
SMD Type-High Voltage
Y5V-High Dielectric Constant Type(0603~3225) & Thin Layer Large-Capacitance Type
Y5V
1005(0402)
1608(0603)
2012(0805)
3216(1206)
3225(1210)
6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50 6.3 10 16 25 50
General Type : Dissipation Factor Page 22 (No.5)
General Type : Dissipation Factor Page 22 (No.5)
Thin Layer Large-Capacitance Type : Dissipation Factor Page 22 (No.5)
Type
Size(inch)
Cap.
1000㎊(102)
2200㎊(222)
4700㎊(472)
10000㎊(103)
15000㎊(153)
22000㎊(223)
33000㎊(333)
47000㎊(473)
68000㎊(683)
0.1㎌(104)
0.15㎌(154)
0.22㎌(224)
0.33㎌(334)
0.47㎌(474)
0.68㎌(684)
1.0㎌(105)
1.5㎌(155)
2.2㎌(225)
3.3㎌(335)
4.7㎌(475)
6.8㎌(685)
10㎌(106)
22㎌(226)
47㎌(476)
100㎌(107)
Volt(V)
Size(mm)
1608
2012
3216
3225
4520
4532
Product Offering
SAMWHA high voltage MLCC products with COG(NPO) and X7R temperature characteristic are designed
for commercial and industrial applications.
The products are power supply and voltage multiplier circuits applications in various sizes with working
voltages up to DC 3.0 KV .
These high voltage capacitors feature a special internal electrode design which reduces voltage
concentrations by distributing voltage gradients throughout the entire capacitor.
This unique design also affords that capacitance value is increased in a given case size and voltage rating.
Features
High reliability
High voltage ratings
Wide voltage level : from 100V to 3000V
Surface mount suited for Wave and Reflow Soldering
Tape & reel surface mount assembly
Suitable for Back-Lighting Inverter, DC-DC Converters, Ballast, Modems & Power Supply, LAN/WLAN
interface... etc.
SMD Type-High Voltage
CS 4520 COG 150 J 302 N R E
How to Order(Product Identification)
Type
CS : SMD
Size Code
Dielectric (Temp. Coefficient)
COG, X7R
Capacitance
1st two digits are value, 3rd digit denotes number of zeros;
331 = 330pF, 104 = 100000pF, 8R2C = 8.2pF


Podobny numer części - CS1005X7R104C6R3NBB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
CS1005B CUI-CS1005B Datasheet
340Kb / 4P
   CURRENT SENSOR
CS1005B CUI-CS1005B Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
More results

Podobny opis - CS1005X7R104C6R3NBB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
Dubilier
DRU21C102JBTA DUBILIER-DRU21C102JBTA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com