Zakładka z wyszukiwarką danych komponentów |
|
PD-1150-100 Arkusz danych(PDF) 2 Page - Optoway Technology Inc |
|
PD-1150-100 Arkusz danych(HTML) 2 Page - Optoway Technology Inc |
2 / 4 page Optoway PD-115X-XXX **************************************************************************************************************************************************************** **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/12/2010 V4.0 PD-1150-150 /PD-1153-150/ PD-1155-150 ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25ºC) Symbol Parameter Test Conditions Min. Typ. Max. Unit Active Area 150 μm Detection Range 1100 1310 1620 nm VR=5V, λ=1300nm 0.85 - A/W R Responsivity VR=5V, λ=1550nm 0.90 A/W Idark Dark Current VR=5V 0.4 1.5 nA C Capacitance VR=5V, f=1MHz 2.0 2.5 pF T r /Tf Rise/Fall Time VR=5V, 10~90% 1 ns BW Bandwidth VR=5V 1 GHz ABSOLUTE MAXIMUM RATINGS (TC=25 ºC) Symbol Parameter Ratings Unit Po Input Optical Power 10 mW VRD Reverse Voltage 20 V IFD Forward Current 10 mA Topr Operating Temperature -40~+85 ºC Tstg Storage Temperature -40~+85 ºC |
Podobny numer części - PD-1150-100 |
|
Podobny opis - PD-1150-100 |