Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4746A Arkusz danych(PDF) 3 Page - Transys Electronics

Numer części 1N4746A
Szczegółowy opis  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRSYS [Transys Electronics]
Strona internetowa  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N4746A Arkusz danych(HTML) 3 Page - Transys Electronics

  1N4746A Datasheet HTML 1Page - Transys Electronics 1N4746A Datasheet HTML 2Page - Transys Electronics 1N4746A Datasheet HTML 3Page - Transys Electronics 1N4746A Datasheet HTML 4Page - Transys Electronics 1N4746A Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATING AND CHARACTERISTICS CURVES
1N4741A THRU 1M200Z
Fig. 1-POWER TEMPERATURE DERATING CUVE
Fig. 2-TEMPERATURE COEFFICIENTS
(-55 to +150 temperature range; 90% of the units are in the ranges indicated.)
Fig. 3-TYPICAL THERMAL RESISTANCE
Fig. 4-EFFECT OF ZENER CURRENT
versus LEAD LENGTH


Podobny numer części - 1N4746A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N4746A VISHAY-1N4746A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Dongguan City Niuhang E...
1N4746A NIUHANG-1N4746A Datasheet
354Kb / 3P
   PLASTIC-ENCAPSULATE ZENER DIODE
logo
NXP Semiconductors
1N4746A PHILIPS-1N4746A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4746A VISHAY-1N4746A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Diotech Company.
1N4746A DIOTECH-1N4746A Datasheet
946Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Podobny opis - 1N4746A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com